Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC13224VR2 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

No. de pieza MC13224VR2
Descripción Electrónicos  Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13224VR2 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC13224VR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
MC13224V Technical Data, Rev. 1.2
6
Freescale Semiconductor
— 8-pin keyboard interface (KBI) supports up to a 4x4 matrix. Also, provides up to four
asynchronous interrupt inputs for wake-up
— Two 12-bit analog-to-digital converters (ADCs) share 8 input channels
— Four independent 16-bit timers with PWM capability. These can cascade in combinations up
to 64-bit operation
— Inter-integrated circuit (I2C) interface
— Synchronous Serial Interface (SSI) with I2S and SPI capability and FIFO data buffering
— Up to 64 programmable I/O shared by peripherals and GPIO
Powerful In-circuit debug and FLASH programming available via on-chip debug ports
— JTAG debug port
— Nexus extended feature debug port
System protection features
— Low battery detect
— Watchdog timer (COP)
— Sleep mode timer
Low external component count
— Only antenna needed for single-ended 50-
Ω RF interface (balun in package)
— Only a single crystal is required for the main oscillator; programmable crystal load capacitors
are on-chip
— All bypass capacitors in package
Supports single crystal reference clock source (typical 24 MHz crystal with 13 - 26 MHz usable)
with on-chip programmable crystal load capacitance or external frequency source. Also provides
onboard 2 kHz oscillator for wake-up timing or an optional 32.768 kHz crystal for accurate low
power timing.
2.0 V to 3.6 V operating voltage with on-chip voltage regulators.
Optional buck converter for better battery life.
-40 °C to +105 °C temperature range
RoHS-compliant 9.5mm x 9.5mm x 1.2mm 99-pin LGA package


Número de pieza similar - MC13224VR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC13224VR2 FREESCALE-MC13224VR2 Datasheet
364Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224VR2 FREESCALE-MC13224VR2 Datasheet
363Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224VR2 FREESCALE-MC13224VR2 Datasheet
413Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
logo
NXP Semiconductors
MC13224VR2 NXP-MC13224VR2 Datasheet
603Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
Rev. 1.3 10/2010
More results

Descripción similar - MC13224VR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Freescale Semiconductor...
MC1322X FREESCALE-MC1322X Datasheet
413Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224VR2 FREESCALE-MC13224VR2 Datasheet
363Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
logo
NXP Semiconductors
MC1322X NXP-MC1322X Datasheet
603Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
Rev. 1.3 10/2010
logo
Freescale Semiconductor...
MC13224V FREESCALE-MC13224V Datasheet
364Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13211 FREESCALE-MC13211_08 Datasheet
871Kb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X_09 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC1321X NXP-MC1321X Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
logo
Freescale Semiconductor...
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1323X FREESCALE-MC1323X_1 Datasheet
514Kb / 38P
   Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE짰 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com