Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMBJ100 Datasheet(PDF) 3 Page - Micro Commercial Components |
|
SMBJ100 Datasheet(HTML) 3 Page - Micro Commercial Components |
3 / 9 page SMBJ5.0(A) thru SMBJ440(A) Electrical Characteristics @ 25 oC Unless Otherwise Specified REVERSE STAND-OFF VOLTAGE VWM BREAKDOWN VOLTAGE V(BR) @IT (VOLTS) MAXIMUM CLAMPING VOLTAGE@IPP PEAK PULSE CURRENT IPP MAXIMUM REVERSE LEAKAGE @VWM ID MCC PART NUMBER VOLTS MIN MAX IT(mA) VOLTS (AMPS) (uA) MARKING CODE SMBJ5.0 5.0 6.40 7.30 10 9.6 62.5 800 KD SMBJ5.0A 5.0 6.40 7.00 10 9.2 65.2 800 KE SMBJ6.0 6.0 6.67 8.15 10 11.4 52.6 800 KF SMBJ6.0A 6.0 6.67 7.37 10 10.3 58.3 800 KG SMBJ6.5 6.5 7.22 8.82 10 12.3 48.7 500 KH SMBJ6.5A 6.5 7.22 7.98 10 11.2 53.6 500 KK SMBJ7.0 7.0 7.78 9.51 10 13.3 45.1 200 KL SMBJ7.0A 7.0 7.78 8.60 10 12.0 50.0 200 KM SMBJ7.5 7.5 8.33 10.2 1 14.3 42.0 100 KN SMBJ7.5A 7.5 8.33 9.21 1 12.9 46.5 100 KP SMBJ8.0 8.0 8.89 10.9 1 15.0 40.0 50 KQ SMBJ8.0A 8.0 8.89 9.83 1 13.6 44.1 50 KR SMBJ8.5 8.5 9.44 11.5 1 15.9 37.7 10 KS SMBJ8.5A 8.5 9.44 10.4 1 14.4 41.7 10 KT SMBJ9.0 9.0 10.0 12.2 1 16.9 35.5 5 KU SMBJ9.0A 9.0 10.0 11.1 1 15.4 39.0 5 KV SMBJ10 10 11.1 13.6 1 18.8 31.9 5 KW SMBJ10A 10 11.1 12.3 1 17.0 35.3 5 KX SMBJ11 11 12.2 14.9 1 20.1 29.9 5 KY SMBJ11A 11 12.2 13.5 1 18.2 33.0 5 KZ SMBJ12 12 13.3 16.3 1 22.0 27.3 5 LD SMBJ12A 12 13.3 14.7 1 19.9 30.2 5 LE SMBJ13 13 14.4 17.6 1 23.8 25.2 5 LF SMBJ13A 13 14.4 15.9 1 21.5 27.9 5 LG SMBJ14 14 15.6 19.1 1 25.8 23.3 5 LH SMBJ14A 14 15.6 17.2 1 23.2 25.8 5 LK SMBJ15 15 16.7 20.4 1 26.9 22.3 5 LL SMBJ15A 15 16.7 18.5 1 24.4 24.0 5 LM SMBJ16 16 17.8 21.8 1 28.8 20.8 5 LN SMBJ16A 16 17.8 19.7 1 26.0 23.1 5 LP SMBJ17 17 18.9 23.1 1 30.5 19.7 5 LQ SMBJ17A 17 18.9 20.9 1 27.6 21.7 5 LR SMBJ18 18 20.0 24.4 1 32.2 18.6 5 LS SMBJ18A 18 20.0 22.1 1 29.2 20.5 5 LT SMBJ20 20 22.2 27.1 1 35.8 16.7 5 LU SMBJ20A 20 22.2 24.5 1 32.4 18.5 5 LV SMBJ22 22 24.4 29.8 1 39.4 15.2 5 LW SMBJ22A 22 24.4 26.9 1 35.5 16.9 5 LX SMBJ24 24 26.7 32.6 1 43.0 14.0 5 LY SMBJ24A 24 26.7 29.5 1 38.9 15.4 5 LZ SMBJ26 26 28.9 35.3 1 46.6 12.4 5 MD SMBJ26A 26 28.9 31.9 1 42.1 14.2 5 ME MCC www.mccsemi.com 3 of 9 Revision: 8 2009/07/12 |
Número de pieza similar - SMBJ100 |
|
Descripción similar - SMBJ100 |