Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BA5969FP Datasheet(PDF) 2 Page - Rohm

No. de pieza BA5969FP
Descripción Electrónicos  Power Driver for Compact Disc Player
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BA5969FP Datasheet(HTML) 2 Page - Rohm

  BA5969FP Datasheet HTML 1Page - Rohm BA5969FP Datasheet HTML 2Page - Rohm BA5969FP Datasheet HTML 3Page - Rohm BA5969FP Datasheet HTML 4Page - Rohm BA5969FP Datasheet HTML 5Page - Rohm BA5969FP Datasheet HTML 6Page - Rohm BA5969FP Datasheet HTML 7Page - Rohm BA5969FP Datasheet HTML 8Page - Rohm BA5969FP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2/11
REV. A
○ ELECTRICAL CHARACTERISTICS
(Unless otherwise note, Ta = 25℃, Vcc=8V, BIAS=2.5V, RL=8Ω)
Parameter
Symbol
MIN
TYP
MAX
Unit
Condition
test circuit
Quiescent current
ICC
-
24
34
mA
R
L=∞
fig.5
< BTL driver>
Output offset voltage
VOO
-50
0
50
mV
fig.6
Max. output voltage
VOM
5.4
6.0
-
V
fig.6
Closed loop voltage gain
GVC
14.0
16.1
18.0
dB
fig.6
Mute on voltage
VMTON
-
-
0.5
V
fig.5
Mute off voltage
VMTOFF
1.5
-
-
V
fig.5
Input current for Mute pin
IMUTE
-
180
270
μA
VMUTE=5V
fig.5
Bias mute on voltage
VBMUTE
ON
-
-
0.5
V
fig.5
Bias mute off voltage
VBMUTE
OFF
1.1
-
-
V
fig.5
Input current for Bias pin
IBIAS
-
75
120
μA
VBIAS=2.5V
fig.5
< OP-AMP >
Common mode input
voltage range
VICM
0.5
-
6.8
V
fig.6
Input offset voltage
VOFOP
-6
0
6
mV
fig.6
Input bias current
IBOP
-
-
300
nA
fig.6
High level output voltage
VOHOP
7.5
-
-
V
fig.6
Low level output voltage
VOLOP
-
-
0.5
V
fig.6
Output sink current
ISIN
1
-
-
mA
Output to VCC by 50Ω
fig.6
Output source current
ISOU
1
-
-
mA
Output to GND by 50Ω
fig.6
Slew rate
SROP
-
1
-
V/us
Input pulse 100KHz, 2Vp-p
fig.6
< Loading driver >
Output saturation voltage 1
VSAT1
0.6
0.9
1.4
V
Upper+Lower saturation,
IL=200mA
fig.6
Output saturation voltage
between F&R
ΔVSAT1
-
-
0.1
V
Output saturation voltage 1
between FWD and REV
fig.6
Output saturation voltage 2
VSAT2
0.7
1.2
2.0
V
Upper+Lower saturation,
IL=500mA
fig.6
Voltage gain
LGVC
6.6
8.6
10.6
dB
VOLD/ VLDCTL
(VLDCTL=2V)
fig.6
< Loading driver input logic >
Input high level voltage
VIHLD
1.5
-
VCC
V
fig.5
Input low level voltage
VILLD
-0.3
-
0.5
V
fig.5
Input high level current
IIHLD
-
180
270
μA
VFWD=VREV=5V
fig.5
◎ This product is not designed for protection against radioactive rays.


Número de pieza similar - BA5969FP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BA596 SIEMENS-BA596 Datasheet
34Kb / 2P
   Silicon PIN Diode
logo
Guangdong Kexin Industr...
BA596 KEXIN-BA596 Datasheet
33Kb / 1P
   Silicon PIN Diode
logo
Rohm
BA5960FS ROHM-BA5960FS Datasheet
308Kb / 2P
   5 Channel Driver for with Regulator
BA5961FV ROHM-BA5961FV Datasheet
96Kb / 7P
   Power driver for CD player
BA5961FV ROHM-BA5961FV Datasheet
288Kb / 7P
   Power Driver For CD Players
More results

Descripción similar - BA5969FP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
logo
ON Semiconductor
LC78616PE ONSEMI-LC78616PE Datasheet
266Kb / 26P
   Compact Disc Player IC
January 2015 - Rev. P0
logo
Sanyo Semicon Device
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
logo
ON Semiconductor
LC786960E ONSEMI-LC786960E Datasheet
230Kb / 24P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
logo
Sanyo Semicon Device
LC78622NE SANYO-LC78622NE Datasheet
325Kb / 31P
   Compact Disc Player DSP
logo
ON Semiconductor
LC78615E ONSEMI-LC78615E Datasheet
302Kb / 24P
   Compact Disc Player IC
January 2015 - Rev. 1
logo
Sanyo Semicon Device
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
logo
ON Semiconductor
LC786961W ONSEMI-LC786961W Datasheet
236Kb / 29P
   Compact Disc Player IC
Sep 2013 Ver. 1.0.0
logo
Sanyo Semicon Device
LC786960E SANYO-LC786960E Datasheet
222Kb / 24P
   Compact Disc Player IC
LC786961W SANYO-LC786961W Datasheet
261Kb / 29P
   Compact Disc Player IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com