Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BD3814FV Datasheet(PDF) 5 Page - Rohm |
|
BD3814FV Datasheet(HTML) 5 Page - Rohm |
5 / 11 page Technical Note 5/10 www.rohm.com 2010.06 - Rev.A © 2010 ROHM Co., Ltd. All rights reserved. BD3814FV 3. Basic configuration of control data format Data input direction MSB LSB Data D16 D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Data Select Address ・ Control data format Data input direction Select Address Data ① D16 D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Treble Bass Tone * * * * * 0 0 0 Data ② D16 D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Master Volume FRch Master Volume FLch 0 0 1 Data ③ D16 D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Master Volume SRch Master Volume SLch 0 1 0 Data ④ D16 D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Master Volume Cch Master Volume SWch 0 1 1 By changing select address, 4 control data formats can be selected. Do not set the select address data to any format other than that specified above. At power-on sequence, initialize all data. * is 0 or 1. Example: Data input direction MSB LSB MSB LSB MSB LSB MSB LSB Data① L Data② L Data③ LData④ L “L” shows latch. After power-on, for the second and subsequent times, only the necessary data can be selected for setting Example: When to change bus, Input direction MSB LSB Data① L “L” shows latch. |
Número de pieza similar - BD3814FV |
|
Descripción similar - BD3814FV |