Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC2625-EP Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza UC2625-EP
Descripción Electrónicos  BRUSHLESS DC MOTOR CONTROLLER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

UC2625-EP Datasheet(HTML) 5 Page - Texas Instruments

  UC2625-EP Datasheet HTML 1Page - Texas Instruments UC2625-EP Datasheet HTML 2Page - Texas Instruments UC2625-EP Datasheet HTML 3Page - Texas Instruments UC2625-EP Datasheet HTML 4Page - Texas Instruments UC2625-EP Datasheet HTML 5Page - Texas Instruments UC2625-EP Datasheet HTML 6Page - Texas Instruments UC2625-EP Datasheet HTML 7Page - Texas Instruments UC2625-EP Datasheet HTML 8Page - Texas Instruments UC2625-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
UC2625-EP
www.ti.com .................................................................................................................................................................................................. SLUS802 – MARCH 2008
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise stated, these specifications apply for: TA = 25°C; Pwr VCC = VCC = 12 V; ROSC = 20 kΩ to VREF; COSC = 2 nF;
RTACH = 33 kΩ; CTACH = 10 nF; and all outputs unloaded. TA = TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SPEED-IN threshold
-55
°C to 125°C
220
257
290
mV
SPEED-IN input current
–30
–5
30
µA
Low-Side Drivers
Voh, –1 mA, down from VCC
1.60
2.50
Voh, –50 mA, down from VCC
1.75
2.45
-55
°C to 125°C
V
Vol, 1 mA
0.05
0.4
Vol, 50 mA
0.36
0.8
Rise/fall time
10% to 90% slew time, into 1 nF
50
ns
High-Side Drivers
Vol, 1 mA
0.1
0.4
-55
°C to 125°C
V
Vol, 50 mA
1.0
1.8
Leakage current
Output voltage = 50 V
30
µA
Fall time
10% to 90% slew time, 50 mA load
50
ns
Oscillator
40
50
60
Frequency
-40
°C to 105°C
35
65
kHz
-55
°C to 125°C
30
80
Reference
Iref = 0 mA
4.9
5.0
5.1
Output voltage
V
-55
°C to 125°C
4.7
5.0
5.3
Load regulation
0 mA to –20 mA load
–40
–5
mV
Line regulation
10 V to 18 V VCC
–10
–1
10
Short circuit current
-55
°C to 125°C
50
100
150
mA
Miscellaneous
Output turn-on delay
1
µs
Output turn-off delay
1
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :UC2625-EP


Número de pieza similar - UC2625-EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC2625 TI-UC2625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
UC2625 TI1-UC2625 Datasheet
883Kb / 25P
[Old version datasheet]   Brushless DC Motor Controller
UC2625DW TI-UC2625DW Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
UC2625DW TI1-UC2625DW Datasheet
883Kb / 25P
[Old version datasheet]   Brushless DC Motor Controller
UC2625DWG4 TI1-UC2625DWG4 Datasheet
883Kb / 25P
[Old version datasheet]   Brushless DC Motor Controller
More results

Descripción similar - UC2625-EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
logo
ON Semiconductor
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Texas Instruments
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
DRV8307 TI1-DRV8307_16 Datasheet
1,007Kb / 33P
[Old version datasheet]   Brushless DC Motor Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
   BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com