Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU7964GUW Datasheet(PDF) 7 Page - Rohm

No. de pieza BU7964GUW
Descripción Electrónicos  Data rate 1350Mbps RGB Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU7964GUW Datasheet(HTML) 7 Page - Rohm

Back Button BU7964GUW Datasheet HTML 3Page - Rohm BU7964GUW Datasheet HTML 4Page - Rohm BU7964GUW Datasheet HTML 5Page - Rohm BU7964GUW Datasheet HTML 6Page - Rohm BU7964GUW Datasheet HTML 7Page - Rohm BU7964GUW Datasheet HTML 8Page - Rohm BU7964GUW Datasheet HTML 9Page - Rohm BU7964GUW Datasheet HTML 10Page - Rohm BU7964GUW Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Technical Note
7/18
BU7964GUW
www.rohm.com
2010.04 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Operation Control
MSDL3 Channel Count Selection
Pins LS0 and LS1 are used to control the high-speed data channel count and data format. High-speed data channel count,
data format should be the same between the transmitting and receiving devices (the BU7963GUW and BU7964GUW,
respectively). Table 6 shows and Receipt Data rate ranges for the LS pin settings.
Table 6. The Range of The Receipt Data rate
LS1
LS0
The Number of Data Channel
The Range of PCLK Input
Frequency [MHz]
The Range of
The Data Receipt Rate
[Mbits/sec]
‘L’
‘L’
1-channel (27-bit format).
4.0-15.0
120-450
‘L’
‘H’
2-channel (27-bit format).
8.0-30.0
240-900
‘H’
‘L’
3-channel (27-bit format).
12.0-45.0
360-1350
CMOS Output Drivability Selection
F_XS determines output drivability of the parallel data interface. Table 7 shows output drivability.
Table 7. Output Drivability
F_XS
Output Drivability
‘L’
1mA Type
‘H’
3mA Type
PLL Bandwidth Selection
BU7964GUW controls the range of the CLK+ / CLK− input frequency (= PCLK output frequency) by the setting of the
data format (LS1, and LS0) of the high-speed data channel and the bandwidth setting of PLL_BW0 and PLL_BW1.
Table 8. PLL Bandwidth Selection
LS1
LS0
PLL_BW1
PLL_BW0
CLK+/CLK- Frequency Range [MHz]
(PCLK Input Frequency)
Min
Max
‘L’
‘L’
‘L’
‘L’
4
7
‘L’
‘L’
‘L’
‘H’
6
11
‘L’
‘L’
‘H’
‘L’
10
15
‘L’
‘H’
‘L’
‘L’
8
14
‘L’
‘H’
‘L’
‘H’
12
22
‘L’
‘H’
‘H’
‘L’
20
30
‘H’
‘L’
‘L’
‘L’
12
21
‘H’
‘L’
‘L’
‘H’
18
33
‘H’
‘L’
‘H’
‘L’
30
45


Número de pieza similar - BU7964GUW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7964GUW ROHM-BU7964GUW Datasheet
180Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Descripción similar - BU7964GUW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7963GUW ROHM-BU7963GUW Datasheet
432Kb / 20P
   Data rate 1350Mbps RGB Interface
logo
GSI Technology
GS81302Q07GE-318I GSI-GS81302Q07GE-318I Datasheet
487Kb / 28P
   Dual Double Data Rate interface
GS8662DT20BD-500 GSI-GS8662DT20BD-500 Datasheet
556Kb / 33P
   Dual Double Data Rate interface
GS8662D38BGD-350 GSI-GS8662D38BGD-350 Datasheet
556Kb / 33P
   Dual Double Data Rate interface
GS81302D38AGD-500I GSI-GS81302D38AGD-500I Datasheet
446Kb / 26P
   Dual Double Data Rate interface
GS8342DT06BD-550I GSI-GS8342DT06BD-550I Datasheet
524Kb / 30P
   Dual Double Data Rate interface
GS8342DT20BGD-550 GSI-GS8342DT20BGD-550 Datasheet
524Kb / 30P
   Dual Double Data Rate interface
GS8672D19BGE-333 GSI-GS8672D19BGE-333 Datasheet
483Kb / 28P
   Dual Double Data Rate interface
GS81302DT06E-350I GSI-GS81302DT06E-350I Datasheet
515Kb / 31P
   Dual Double Data Rate interface
GS81302DT19E-450 GSI-GS81302DT19E-450 Datasheet
513Kb / 30P
   Dual Double Data Rate interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com