Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU7964GUW-E2 Datasheet(PDF) 1 Page - Rohm

No. de pieza BU7964GUW-E2
Descripción Electrónicos  Data rate 1350Mbps RGB Interface
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU7964GUW-E2 Datasheet(HTML) 1 Page - Rohm

  BU7964GUW-E2 Datasheet HTML 1Page - Rohm BU7964GUW-E2 Datasheet HTML 2Page - Rohm BU7964GUW-E2 Datasheet HTML 3Page - Rohm BU7964GUW-E2 Datasheet HTML 4Page - Rohm BU7964GUW-E2 Datasheet HTML 5Page - Rohm BU7964GUW-E2 Datasheet HTML 6Page - Rohm BU7964GUW-E2 Datasheet HTML 7Page - Rohm BU7964GUW-E2 Datasheet HTML 8Page - Rohm BU7964GUW-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1/18
www.rohm.com
2010.04 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
MSDL (Mobile Shrink Data Link) Transceivers for Mobile Phones
Data rate 1350Mbps
RGB Interface
BU7964GUW
Description
BU7964GUW is a differential serial interface connecting mobile phone LCD modules to the host CPU. Unique technology is
utilized for lower power consumption and EMI. MSDL minimizes the number of wires required - an important consideration
in hinge phones - resulting in greater reliability and design flexibility.
Features
1) MSDL3 high-speed differential interface with a maximum transfer rate of 1350 Mbps.
2) Compatible with24-bit RGB video mode for LCD controller-to-LCD interface.
3) Pixel clock frequency range from 4 to 45MHz.
4) Depending on the data transfer rate, either, two or three differential data channels can be selected.
Applications
Serial Interface for LCD Display Interface of Mobile Devices Application.
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Remarks
Power Supply Voltage
DVDD
-0.3 ~ +2.5
V
-
MSVDD
-0.3 ~ +2.5
V
-
Input Voltage
VIN
-0.3 ~ MSVDD+0.3
V
I/O terminals of MSVDD line
-0.3 ~ DVDD+0.3
V
I/O terminals of DVDD line
Output Voltage
VOUT
-0.3 ~ MSVDD+0.3
V
I/O terminals of MSVDD line
-0.3 ~ DVDD+0.3
V
I/O terminals of DVDD line
Input Current
IIN
-10 ~ +10
mA
-
Output Current
IOUT
-70 ~ +70
mA
-
Preservation Temperature
Tstg
-55 ~ +125
-
Operating Conditions
Parameter
Symbol
Ratings
Unit
Conditions
Min
Typ
Max
Supply Voltage for DVDD
VDVDD
1.65
1.80
1.95
V
VDVDD = VMSVDD
Supply Voltage for MSVDD
VMSVDD
1.65
1.80
1.95
V
Data Transmission Rate
DR
120
-
450
Mbps/ch
-
Operating Temperature Range
Topr
-30
25
85
-
No.10058EAT04


Número de pieza similar - BU7964GUW-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7964GUW ROHM-BU7964GUW Datasheet
180Kb / 5P
   Silicon Monolithic Integrated Circuit
More results

Descripción similar - BU7964GUW-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7963GUW ROHM-BU7963GUW Datasheet
432Kb / 20P
   Data rate 1350Mbps RGB Interface
logo
GSI Technology
GS81302Q07GE-318I GSI-GS81302Q07GE-318I Datasheet
487Kb / 28P
   Dual Double Data Rate interface
GS8662DT20BD-500 GSI-GS8662DT20BD-500 Datasheet
556Kb / 33P
   Dual Double Data Rate interface
GS8662D38BGD-350 GSI-GS8662D38BGD-350 Datasheet
556Kb / 33P
   Dual Double Data Rate interface
GS81302D38AGD-500I GSI-GS81302D38AGD-500I Datasheet
446Kb / 26P
   Dual Double Data Rate interface
GS8342DT06BD-550I GSI-GS8342DT06BD-550I Datasheet
524Kb / 30P
   Dual Double Data Rate interface
GS8342DT20BGD-550 GSI-GS8342DT20BGD-550 Datasheet
524Kb / 30P
   Dual Double Data Rate interface
GS8672D19BGE-333 GSI-GS8672D19BGE-333 Datasheet
483Kb / 28P
   Dual Double Data Rate interface
GS81302DT06E-350I GSI-GS81302DT06E-350I Datasheet
515Kb / 31P
   Dual Double Data Rate interface
GS81302DT19E-450 GSI-GS81302DT19E-450 Datasheet
513Kb / 30P
   Dual Double Data Rate interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com