Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU7271SG-TR Datasheet(PDF) 10 Page - Rohm

No. de pieza BU7271SG-TR
Descripción Electrónicos  Ultra Low Power CMOS Operational Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU7271SG-TR Datasheet(HTML) 10 Page - Rohm

Back Button BU7271SG-TR Datasheet HTML 6Page - Rohm BU7271SG-TR Datasheet HTML 7Page - Rohm BU7271SG-TR Datasheet HTML 8Page - Rohm BU7271SG-TR Datasheet HTML 9Page - Rohm BU7271SG-TR Datasheet HTML 10Page - Rohm BU7271SG-TR Datasheet HTML 11Page - Rohm BU7271SG-TR Datasheet HTML 12Page - Rohm BU7271SG-TR Datasheet HTML 13Page - Rohm BU7271SG-TR Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
BU7265G,BU7265SG,BU7271G,BU7271SG,
BU7411G,BU7411SG,BU7421G,BU7421SG
10/17
www.rohm.com
2010.03 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Technical Note
BU7421 family
[mW]
(*)The above data is ability value of sample, it is not guaranteed.BU7421G:-40[℃]~+85[℃] BU7421SG:-40[℃]~+105[℃]
0
3
6
9
12
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [°C]
0
5
10
15
20
01
234
56
SUPPLY VOLTAGE [V]
0
5
10
15
20
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [°C]
0
2
4
6
01
23
4
5
6
SUPPLY VOLTAGE [V]
0
2
4
6
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [°C]
0
3
6
9
12
01
23
45
6
SUPPLY VOLTAGE [V]
0
10
20
30
40
01
23
OUTPUT VOLTAGE [V]
0
10
20
30
40
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [°C]
0
5
10
15
20
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [°C]
0
5
10
15
20
01
23
OUTPUT VOLTAGE [V]
0
200
400
600
800
0
50
100
150
AMBIENT TEMPERATURE [°C]
0
200
400
600
800
0
50
100
150
AMBIENT TEMPERATURE [°C]
BU7421 family
BU7421 family
BU7421 family
BU7421 family
BU7421 family
BU7421 family
BU7421 family
BU7421 family
BU7421 family
BU7421 family
BU7421 family
BU7421 family
Fig.70 Derating curve
Fig.81 Output Sink Current
– Ambient Temperature
(VOUT=VSS+0.4[V])
Fig.80 Output Sink Current
– Output Voltage
(VDD=3[V])
Fig.79 Output Source Current
– Ambient Temperature
(VOUT=VDD-0.4[V])
Fig.76 Output Voltage Low – Supply
Voltage (RL=10[kΩ])
Fig.72 Supply Current
– Supply Voltage
Fig.73 Supply Current
– Ambient Temperature
Fig.74 Output Voltage High
– Supply Voltage (RL=10[kΩ])
Fig.75 Output Voltage High
– Ambient Temperature (RL=10[kΩ])
Fig.77 Output Voltage Low
– Ambient Temperature (RL=10[kΩ])
Fig.71 Derating curve
Fig.78 Output Source Current
– Output Voltage (VDD=3.0[V])
-40℃
25℃
85℃
105℃
1.7V
5.5V
3.0V
1.7V
5.5V
3.0V
-40℃
25℃
85℃
105℃
1.7V
5.5V
3.0V
25℃
85℃
105℃
-40℃
-40℃
25℃
85℃
105℃
BU7421G
BU7421SG
85
105
5.5V
1.7V
3.0V
-40℃
25℃
85℃
105℃
1.7V
5.5V
3.0V


Número de pieza similar - BU7271SG-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7271SG-TR ROHM-BU7271SG-TR Datasheet
522Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
More results

Descripción similar - BU7271SG-TR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7265G_1012 ROHM-BU7265G_1012 Datasheet
596Kb / 29P
   Ultra Low Power CMOS Operational Amplifiers
BU7265G ROHM-BU7265G_13 Datasheet
867Kb / 37P
   Ultra Low Power CMOS Operational Amplifiers
BU7475HFV-TR ROHM-BU7475HFV-TR Datasheet
479Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
BU7271G ROHM-BU7271G_13 Datasheet
522Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
BU7411G ROHM-BU7411G_13 Datasheet
521Kb / 22P
   Ultra Low Supply Current CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7611 INTERSIL-ICL7611_07 Datasheet
251Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
ICL7611 INTERSIL-ICL7611_06 Datasheet
252Kb / 13P
   1.4MHz, Low Power CMOS Operational Amplifiers
ICL7611 INTERSIL-ICL7611 Datasheet
100Kb / 10P
   1.4MHz, Low Power CMOS Operational Amplifiers
logo
Renesas Technology Corp
ICL7621 RENESAS-ICL7621 Datasheet
450Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
logo
Intersil Corporation
ICL7621 INTERSIL-ICL7621 Datasheet
394Kb / 9P
   Dual, Low Power CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com