Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMZ14203 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LMZ14203
Descripción Electrónicos  3A SIMPLE SWITCHER짰Power Module with 42V Maximum Input Voltage
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMZ14203 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMZ14203_1 Datasheet HTML 6Page - National Semiconductor (TI) LMZ14203_1 Datasheet HTML 7Page - National Semiconductor (TI) LMZ14203_1 Datasheet HTML 8Page - National Semiconductor (TI) LMZ14203_1 Datasheet HTML 9Page - National Semiconductor (TI) LMZ14203_1 Datasheet HTML 10Page - National Semiconductor (TI) LMZ14203_1 Datasheet HTML 11Page - National Semiconductor (TI) LMZ14203_1 Datasheet HTML 12Page - National Semiconductor (TI) LMZ14203_1 Datasheet HTML 13Page - National Semiconductor (TI) LMZ14203_1 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
These resistors should be chosen from values in the range of
1.0 kohm to 10.0 kohm.
For V
O = 0.8V the FB pin can be connected to the output di-
rectly so long as an output preload resistor remains that draws
more than 20uA. Converter operation requires this minimum
load to create a small inductor ripple current and maintain
proper regulation when no load is present.
A feed-forward capacitor is placed in parallel with R
FBT to im-
prove load step transient response. Its value is usually deter-
mined experimentally by load stepping between DCM and
CCM conduction modes and adjusting for best transient re-
sponse and minimum output ripple.
A table of values for R
FBT , RFBB , CFF and RON is included in
the applications schematic.
SOFT-START CAPACITOR SELECTION
Programmable soft-start permits the regulator to slowly ramp
to its steady state operating point after being enabled, thereby
reducing current inrush from the input supply and slowing the
output voltage rise-time to prevent overshoot.
Upon turn-on, after all UVLO conditions have been passed,
an internal 8uA current source begins charging the external
soft-start capacitor. The soft-start time duration to reach
steady state operation is given by the formula:
t
SS = VREF * CSS / Iss = 0.8V * CSS / 8uA (4)
This equation can be rearranged as follows:
C
SS = tSS * 8 μA / 0.8V (5)
Use of a 0.022
μF capacitor results in 2.2 msec soft-start du-
ration. This is recommended as a minimum value.
As the soft-start input exceeds 0.8V the output of the power
stage will be in regulation. The soft-start capacitor continues
charging until it reaches approximately 3.8V on the SS pin.
Voltage levels between 0.8V and 3.8V have no effect on other
circuit operation. Note that the following conditions will reset
the soft-start capacitor by discharging the SS input to ground
with an internal 200
μA current sink.
• The enable input being “pulled low”
• Thermal shutdown condition
• Over-current fault
• Internal Vcc UVLO (Approx 4V input to V
IN)
C
O SELECTION
None of the required C
O output capacitance is contained with-
in the module. At a minimum, the output capacitor must meet
the worst case minimum ripple current rating of 0.5 * I
LR P-P,
as calculated in equation (19) below. Beyond that, additional
capacitance will reduce output ripple so long as the ESR is
low enough to permit it. A minimum value of 10
μF is generally
required. Experimentation will be required if attempting to op-
erate with a minimum value. Ceramic capacitors or other low
ESR types are recommended. See AN-2024 for more detail.
The following equation provides a good first pass approxima-
tion of C
O for load transient requirements:
C
OISTEP*VFB*L*VIN/ (4*VO*(VIN—VO)*VOUT-TRAN)(6)
Solving:
C
O3A*0.8V*6.8μH*24V / (4*3.3V*( 24V — 3.3V)*33mV)
43μF (7)
The LMZ14203 demonstration and evaluation boards are
populated with a 100 uF 6.3V X5R output capacitor. Locations
for extra output capacitors are provided.
C
IN SELECTION
The LMZ14203 module contains an internal 0.47 µF input ce-
ramic capacitor. Additional input capacitance is required ex-
ternal to the module to handle the input ripple current of the
application. This input capacitance should be located in very
close proximity to the module. Input capacitor selection is
generally directed to satisfy the input ripple current require-
ments rather than by capacitance value. Worst case input
ripple current rating is dictated by the equation:
I(C
IN(RMS)) 1 /2 * IO * (D / 1-D) (8)
where D
V
O / VIN
(As a point of reference, the worst case ripple current will oc-
cur when the module is presented with full load current and
when V
IN = 2 * VO).
Recommended minimum input capacitance is 10uF X7R ce-
ramic with a voltage rating at least 25% higher than the
maximum applied input voltage for the application. It is also
recommended that attention be paid to the voltage and tem-
perature deratings of the capacitor selected. It should be
noted that ripple current rating of ceramic capacitors may be
missing from the capacitor data sheet and you may have to
contact the capacitor manufacturer for this rating.
If the system design requires a certain minimum value of input
ripple voltage
ΔV
IN be maintained then the following equation
may be used.
C
IN IO * D * (1–D) / fSW-CCM * ΔVIN(9)
If
ΔV
IN is 1% of VIN for a 24V input to 3.3V output application
this equals 240 mV and f
SW = 400 kHz.
C
IN3A * 3.3V/24V * (1– 3.3V/24V) / (400000 * 0.240 V)
3.7μF
Additional bulk capacitance with higher ESR may be required
to damp any resonant effects of the input capacitance and
parasitic inductance of the incoming supply lines.
R
ON RESISTOR SELECTION
Many designs will begin with a desired switching frequency in
mind. For that purpose the following equation can be used.
f
SW(CCM) VO / (1.3 * 10
-10 * R
ON) (10)
This can be rearranged as
R
ON VO / (1.3 * 10
-10 * f
SW(CCM) (11)
The selection of RON and f
SW(CCM) must be confined by limi-
tations in the on-time and off-time for the COT control section.
The on-time of the LMZ14203 timer is determined by the re-
sistor R
ON and the input voltage VIN. It is calculated as follows:
t
ON = (1.3 * 10
-10 * R
ON) / VIN (12)
The inverse relationship of t
ON and VIN gives a nearly constant
switching frequency as V
IN is varied. RON should be selected
such that the on-time at maximum V
IN is greater than 150 ns.
The on-timer has a limiter to ensure a minimum of 150 ns for
t
ON. This limits the maximum operating frequency, which is
governed by the following equation:
f
SW(MAX) = VO / (VIN(MAX) * 150 nsec) (13)
This equation can be used to select R
ON if a certain operating
frequency is desired so long as the minimum on-time of 150
ns is observed. The limit for R
ON can be calculated as follows:
R
ON VIN(MAX) * 150 nsec / (1.3 * 10
-10) (14)
If R
ON calculated in (11) is less than the minimum value de-
termined in (14) a lower frequency should be selected. Alter-
www.national.com
10


Número de pieza similar - LMZ14203_1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMZ14203 NSC-LMZ14203_11 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ14203 TI-LMZ14203_13 Datasheet
2Mb / 25P
[Old version datasheet]   LMZ14203 3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14203 TI-LMZ14203_15 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 6V to 42V, 3A Power Module in Leaded SMT-TO Package
More results

Descripción similar - LMZ14203_1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LMZ14203 NSC-LMZ14203_11 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ10504 NSC-LMZ10504_1 Datasheet
657Kb / 22P
   4A SIMPLE SWITCHER짰Power Module with 5.5V Maximum Input Voltage
logo
Texas Instruments
LMZ14203 TI-LMZ14203_13 Datasheet
2Mb / 25P
[Old version datasheet]   LMZ14203 3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
National Semiconductor ...
LMZ14203 NSC-LMZ14203 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum
LMZ14202 NSC-LMZ14202_1 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14201 NSC-LMZ14201_11 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14202 NSC-LMZ14202_11 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
Texas Instruments
LMZ14201 TI1-LMZ14201_14 Datasheet
2Mb / 24P
[Old version datasheet]   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
logo
National Semiconductor ...
LMZ14202 NSC-LMZ14202 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
LMZ14201 NSC-LMZ14201_1 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com