Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TL1963A-33DCYR Datasheet(PDF) 10 Page - Texas Instruments |
|
|
TL1963A-33DCYR Datasheet(HTML) 10 Page - Texas Instruments |
10 / 27 page 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 -50 -25 0 25 50 75 100 125 TA – Free-Air Temperature – °C 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1 -50 -25 0 25 50 75 100 125 TA – Free-Air Temperature – °C IOUT = 1 mA 0 1 2 3 4 5 -50 -25 0 25 50 75 100 125 TA – Free-Air Temperature – °C VIN = 7 V VOUT = 0 V 0 0.5 1 1.5 2 2.5 3 3.5 0 2 4 6 8 10 12 14 16 18 20 Input/Output Differential Voltage – V ?VOUT = 100 mV TA = -40°C TA = 25°C TA = 125°C D TL1963A-xx SLVS719E – JUNE 2008 – REVISED AUGUST 2009........................................................................................................................................................ www.ti.com TYPICAL CHARACTERISTICS (continued) SHDN THRESHOLD (ON TO OFF) ADJ BIAS CURRENT vs vs TEMPERATURE TEMPERATURE Figure 17. Figure 18. CURRENT LIMIT CURRENT LIMIT vs vs INPUT/OUTPUT DIFFERENTIAL VOLTAGE TEMPERATURE Figure 19. Figure 20. 10 Submit Documentation Feedback Copyright © 2008–2009, Texas Instruments Incorporated |
Número de pieza similar - TL1963A-33DCYR |
|
Descripción similar - TL1963A-33DCYR |