Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPD4E002DRL2 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPD4E002DRL2
Descripción Electrónicos  QUAD LOW-CAPACITANCE ARRAY WITH 짹15-kV ESD PROTECTION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPD4E002DRL2 Datasheet(HTML) 3 Page - Texas Instruments

  TPD4E002DRL2 Datasheet HTML 1Page - Texas Instruments TPD4E002DRL2 Datasheet HTML 2Page - Texas Instruments TPD4E002DRL2 Datasheet HTML 3Page - Texas Instruments TPD4E002DRL2 Datasheet HTML 4Page - Texas Instruments TPD4E002DRL2 Datasheet HTML 5Page - Texas Instruments TPD4E002DRL2 Datasheet HTML 6Page - Texas Instruments TPD4E002DRL2 Datasheet HTML 7Page - Texas Instruments TPD4E002DRL2 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
8.0
–40
0
25
70
85
125
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
Temperature (ºC)
9.0
1
2
3
4
5
6
7
8
9
10
9.5
10.0
10.5
11.0
11.5
12.0
Frequency (Mhz)
TPD4E002
www.ti.com
SLVS615D – JULY 2006 – REVISED JUNE 2010
Electrical Characteristics
Tamb = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBR
I/O Breakdown voltage
IR = 1 mA
6.1
7.2
V
IRM
I/O Leakage current
VRM = 3 V
0.1
mA
aT
Voltage temperature coefficient
45
10–4/°C
C
I/O Capacitance per line
11
pF
Rd
Dynamic resistance(1)
2
(1)
Rd is measured under reverse breakdown condition with inrush current in the range 1Amps using pulse technique
TYPICAL CHARACTERISTICS
Figure 1. I/O Capacitance vs Temperature
Figure 2. I/O Capacitance vs Frequency (Typical Values)
Copyright © 2006–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPD4E002


Número de pieza similar - TPD4E002DRL2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD4E002DRLR TI-TPD4E002DRLR Datasheet
237Kb / 8P
[Old version datasheet]   QUAD LOW-CAPACITANCE ARRAY WITH 짹15-kV ESD PROTECTION
logo
TECH PUBLIC Electronics...
TPD4E002DRLR TECHPUBLIC-TPD4E002DRLR Datasheet
2Mb / 5P
   Low-Capacitance Array with ±15-kV ESD Protection
TPD4E002DRLR-TP TECHPUBLIC-TPD4E002DRLR-TP Datasheet
2Mb / 5P
   Low-Capacitance Array with ±15-kV ESD Protection
logo
Texas Instruments
TPD4E002DRLRG4 TI-TPD4E002DRLRG4 Datasheet
237Kb / 8P
[Old version datasheet]   QUAD LOW-CAPACITANCE ARRAY WITH 짹15-kV ESD PROTECTION
More results

Descripción similar - TPD4E002DRL2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPD4E002 TI1-TPD4E002_14 Datasheet
614Kb / 12P
[Old version datasheet]   QUAD LOW-CAPACITANCE ARRAY WITH 짹15-kV ESD PROTECTION
TPD4E002 TI-TPD4E002 Datasheet
237Kb / 8P
[Old version datasheet]   QUAD LOW-CAPACITANCE ARRAY WITH 짹15-kV ESD PROTECTION
logo
TECH PUBLIC Electronics...
ESDA6V8AV5 TECHPUBLIC-ESDA6V8AV5 Datasheet
1Mb / 4P
   Low-Capacitance Array with ±15-kV ESD Protection
TPESD4002X5 TECHPUBLIC-TPESD4002X5 Datasheet
1Mb / 5P
   Low-Capacitance Array with 15-kV ESD Protection
PESD5V0L4UW TECHPUBLIC-PESD5V0L4UW Datasheet
1Mb / 4P
   Low-Capacitance Array with ±15-kV ESD Protection
TPD4E002DRLR-TP TECHPUBLIC-TPD4E002DRLR-TP Datasheet
2Mb / 5P
   Low-Capacitance Array with ±15-kV ESD Protection
DZQA6V8AXV5 TECHPUBLIC-DZQA6V8AXV5 Datasheet
1Mb / 4P
   Low-Capacitance Array with ±15-kV ESD Protection
NZQA6V8AXV5T1G TECHPUBLIC-NZQA6V8AXV5T1G Datasheet
1Mb / 4P
   Low-Capacitance Array with ±15-kV ESD Protection
SP1001-04XTG TECHPUBLIC-SP1001-04XTG Datasheet
1Mb / 4P
   Low-Capacitance Array with 15-kV ESD Protection
logo
Texas Instruments
TPD6E001 TI-TPD6E001 Datasheet
702Kb / 14P
[Old version datasheet]   LOW-CAPACITANCE 6-CHANNEL 짹15-kV ESD-PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com