Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS6K4A-A Datasheet(PDF) 2 Page - Yamaichi Electronics Co., Ltd.

No. de pieza TS6K4A-A
Descripción Electrónicos  Modular Jacks
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Página de inicio  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

TS6K4A-A Datasheet(HTML) 2 Page - Yamaichi Electronics Co., Ltd.

  TS6K4A-A Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. TS6K4A-A Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. TS6K4A-A Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd. TS6K4A-A Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd. TS6K4A-A Datasheet HTML 5Page - Yamaichi Electronics Co., Ltd. TS6K4A-A Datasheet HTML 6Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Sockets and Connectors
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Trading Division
TS Series
Modular Jacks (PCB Mounted, Unshielded)
TS3K4*
4
13.97
11.43
7.63
TS3K6*
6
16.00
13.46
10.16
TS3K8*
8
17.50
15.26
11.43
TS3K10*
10
17.50
15.26
11.43
Part No.
No. of
Positions
A
B
C
TS3K**
TS6K**-A
PCB-Layout (Top View)
PCB-Layout (Top View)
* Depopulation of contacts possible
Materials and Finish
Standard material: Glass filled polyester (UL94V-0)
Standard color:
Black
Soldering Temp.:
240°C / 5 sec.
Contact:
Thickness 0.35mm Alloy C5210,
Gold plating over Nickel (contact area)
Tin Plating over Nickel (solder area)
Materials and Finish
Standard material: Glass filled polyester (UL94V-0)
Standard color:
Black
Soldering Temp.:
240°C / 5 sec.
Contact:
Thickness 0.35mm Alloy C5210,
Gold plating over Nickel (contact area)
Tin Plating over Nickel (solder area)
TS6K4*-A
4
11.21
7.62
3.81
TS6K6*-A
6
12.96
10.16
6.35
TS6K8*-A
8
15.00
11.43
8.89
TS6K10*-A
10
15.00
11.43
11.43
Part No.
No. of
Positions
A
B
C
* Depopulation of contacts possible
RoHS
RoHS


Número de pieza similar - TS6K4A-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
TS6K40 TSC-TS6K40 Datasheet
212Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
TS6K40 TSC-TS6K40 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Memory Technolog...
TS6K40 TMT-TS6K40 Datasheet
202Kb / 4P
   6A, 400V - 800V Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
TS6K40-T TSC-TS6K40-T Datasheet
455Kb / 5P
   6A, 400V - 800V Glass Passivated Bridge Rectifier
TS6K40 TSC-TS6K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results

Descripción similar - TS6K4A-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Adam Technologies, Inc.
MTJ-88321 ADAM-TECH-MTJ-88321 Datasheet
4Mb / 27P
   MODULAR JACKS
logo
TE Connectivity Ltd
RJ11-2X TEC-RJ11-2X Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
logo
Coilcraft lnc.
PCRJ11-1 COILCRAFT-PCRJ11-1 Datasheet
157Kb / 2P
   Filtered Modular Jacks
logo
Tyco Electronics
RJ11-2X MACOM-RJ11-2X_11 Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
5569256-1 MACOM-5569256-1 Datasheet
173Kb / 3P
   Stacked Modular Jacks
logo
Adam Technologies, Inc.
MTJ64021 ADAM-TECH-MTJ64021 Datasheet
151Kb / 1P
   MODULAR TELEPHONE JACKS
logo
TE Connectivity Ltd
X TEC-X_V01 Datasheet
265Kb / 6P
   Unfiltered Modular Jacks
logo
Adam Technologies, Inc.
MTJG-12-88JX1-FSG-PG ADAM-TECH-MTJG-12-88JX1-FSG-PG Datasheet
157Kb / 1P
   MODULAR TELEPHONE JACKS GANGED & STACKED JACKS
MTJP-616L ADAM-TECH-MTJP-616L Datasheet
268Kb / 3P
   MODULAR TELEPHONE JACKS WIRE LEADED JACKS
logo
Tyco Electronics
5558503-1 MACOM-5558503-1 Datasheet
166Kb / 3P
   Multi-Port Modular Jacks
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com