Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SN74AUC2G240 Datasheet(PDF) 5 Page - Texas Instruments |
|
|
SN74AUC2G240 Datasheet(HTML) 5 Page - Texas Instruments |
5 / 13 page www.ti.com PARAMETER MEASUREMENT INFORMATION NOTES: A. C includesprobeandjigcapacitance. B. Waveform1isforanoutputwithinternalconditionssuchthattheoutputislow,exceptwhendisabledbytheoutputcontrol. Waveform2isforanoutputwithinternalconditionssuchthattheoutputishigh,exceptwhendisabledbytheoutputcontrol. C. Allinputpulsesaresuppliedbygeneratorshavingthefollowingcharacteristics:PRR 10MHz,Z =50 , slewrate 1V/ns. D. Theoutputsaremeasuredoneatatime,withonetransitionpermeasurement. E. t andt arethesameast . F. t andt arethesameast . G. t andt arethesameast . L O PLZ PHZ dis PZL PZH en PLH PHL pd £ W ³ FromOutput UnderTest C (seeNote A) L LOADCIRCUIT S1 2×V CC Open GND R L R L t /t PLH PHL Open TEST S1 2×V CC t /t PLZ PZL GND t /t PHZ PZH 0V t W Input 0V Input Output Output VOLTAGEWAVEFORMS PROPAGATIONDELAY TIMES INVERTING ANDNONINVERTINGOUTPUTS VOLTAGEWAVEFORMS PULSEDURATION V CC/2 V CC/2 V CC/2 V CC/2 V OL V OH V CC V CC V OH V OL V CC/2 V CC/2 V CC/2 V CC/2 t PLH t PHL t PLH t PHL t h t su DataInput TimingInput 0V 0V Output Waveform1 S1at2×V (seeNoteB) CC Output Waveform2 S1atGND (seeNoteB) V OL V OH 0V »0V Output Control V CC/2 V CC/2 V CC/2 V CC/2 V CC/2 VOLTAGEWAVEFORMS ENABLE ANDDISABLETIMES LOW- ANDHIGH-LEVEL ENABLING VOLTAGEWAVEFORMS SETUP ANDHOLDTIMES V CC V CC V CC V CC/2 V CC/2 V CC t PZL t PLZ t PHZ t PZH V – V OH D V +V OL D 0.8V 1.2V 0.1V ± 1.5V 0.1V ± 1.8V 0.15V ± 2.5V 0.2V ± 1.8V 0.15V ± 2.5V 0.2V ± V CC 2kW 2kW 2kW 2kW 2kW 1kW 500 W R L 0.1V 0.1V 0.1V 0.15V 0.15V 0.15V 0.15V V D C L 15pF 15pF 15pF 15pF 15pF 30pF 30pF SN74AUC2G240 DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS SCES534C – DECEMBER 2003 – REVISED JANUARY 2007 Figure 1. Load Circuit and Voltage Waveforms 5 Submit Documentation Feedback |
Número de pieza similar - SN74AUC2G240 |
|
Descripción similar - SN74AUC2G240 |