Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

74CBTLV1G125DBVRE4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza 74CBTLV1G125DBVRE4
Descripción Electrónicos  LOW-VOLTAGE SINGLE FET BUS SWITCH
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

74CBTLV1G125DBVRE4 Datasheet(HTML) 3 Page - Texas Instruments

  74CBTLV1G125DBVRE4 Datasheet HTML 1Page - Texas Instruments 74CBTLV1G125DBVRE4 Datasheet HTML 2Page - Texas Instruments 74CBTLV1G125DBVRE4 Datasheet HTML 3Page - Texas Instruments 74CBTLV1G125DBVRE4 Datasheet HTML 4Page - Texas Instruments 74CBTLV1G125DBVRE4 Datasheet HTML 5Page - Texas Instruments 74CBTLV1G125DBVRE4 Datasheet HTML 6Page - Texas Instruments 74CBTLV1G125DBVRE4 Datasheet HTML 7Page - Texas Instruments 74CBTLV1G125DBVRE4 Datasheet HTML 8Page - Texas Instruments 74CBTLV1G125DBVRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
www.ti.com
Electrical Characteristics
Switching Characteristics
SN74CBTLV1G125
LOW-VOLTAGE SINGLE FET BUS SWITCH
SCDS057H – MARCH 1998 – REVISED JUNE 2006
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1) MAX
UNIT
VIK
VCC = 3 V, II = –18 mA
–1.2
V
II
VCC = 3.6 V, VI = VCC or GND
±1
µA
Ioff
VCC = 0, VI or VO = 0 to 3.6 V
10
µA
ICC
VCC = 3.6 V, IO = 0, VI = VCC or GND
10
µA
∆I
CC
(2)
Control inputs
VCC = 3.6 V, One input at 3 V, Other inputs at VCC or GND
300
µA
Ci
Control inputs
VI = 3 V or 0
2.5
pF
Cio(OFF)
VO = 3 V or 0, OE = VCC
7
pF
II = 64 mA
7
10
VI = 0
VCC = 2.3 V,
II = 24 mA
7
10
TYP at VCC = 2.5 V
VI = 1.7 V,
II = 15 mA
15
25
ron(3)
II = 64 mA
5
7
VI = 0
VCC = 3 V
II = 24 mA
5
7
VI = 2.4 V,
II = 15 mA
10
15
(1)
All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
(2)
This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
(3)
Measured by the voltage drop between A and B terminals at the indicated current through the switch. On-state resistance is determined
by the lower of the voltages of the two (A or B) terminals.
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 2.5 V
VCC = 3.3 V
FROM
TO
± 0.2 V
± 0.3 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
tpd(1)
A or B
B or A
0.15
0.25
ns
ten
OE
A or B
1
4
1
4
ns
tdis
OE
A or B
1
5
1
4.1
ns
(1)
The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load
capacitance of 50 pF, when driven by an ideal voltage source (zero output impedance).
3
Submit Documentation Feedback


Número de pieza similar - 74CBTLV1G125DBVRE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
74CBTLV1G125DBVRE4 TI-74CBTLV1G125DBVRE4 Datasheet
224Kb / 8P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
74CBTLV1G125DBVRE4 TI-74CBTLV1G125DBVRE4 Datasheet
349Kb / 10P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
More results

Descripción similar - 74CBTLV1G125DBVRE4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74CBTLV3257-EP TI1-SN74CBTLV3257-EP Datasheet
365Kb / 10P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
SN74CBTLV1G125-Q1 TI-SN74CBTLV1G125-Q1_15 Datasheet
321Kb / 11P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
SN74CBTLV1G125 TI-SN74CBTLV1G125 Datasheet
224Kb / 8P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
SN74CBTLV1G125 TI-SN74CBTLV1G125_07 Datasheet
349Kb / 10P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
SN74CBTLV1G125 TI-SN74CBTLV1G125_15 Datasheet
582Kb / 13P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
SN74CBTLV1G125-Q1 TI1-SN74CBTLV1G125-Q1 Datasheet
365Kb / 10P
[Old version datasheet]   LOW-VOLTAGE SINGLE FET BUS SWITCH
SN74CBTLV3245A TI-SN74CBTLV3245A_10 Datasheet
688Kb / 18P
[Old version datasheet]   LOW-VOLTAGE OCTAL FET BUS SWITCH
SN74CBTLV3126 TI-SN74CBTLV3126_04 Datasheet
281Kb / 11P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
SN74CBTLV3126 TI-SN74CBTLV3126 Datasheet
80Kb / 6P
[Old version datasheet]   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
logo
Unisonic Technologies
U74CBTLV3125 UTC-U74CBTLV3125 Datasheet
207Kb / 6P
   LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com