Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPL9202 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPL9202
Descripción Electrónicos  8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPL9202 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPL9202 Datasheet HTML 3Page - Texas Instruments TPL9202 Datasheet HTML 4Page - Texas Instruments TPL9202 Datasheet HTML 5Page - Texas Instruments TPL9202 Datasheet HTML 6Page - Texas Instruments TPL9202 Datasheet HTML 7Page - Texas Instruments TPL9202 Datasheet HTML 8Page - Texas Instruments TPL9202 Datasheet HTML 9Page - Texas Instruments TPL9202 Datasheet HTML 10Page - Texas Instruments TPL9202 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
www.ti.com
Output Control Register
TPL9202
8-CHANNEL RELAY DRIVER
WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
SLIS124D – JUNE 2006 – REVISED FEBRUARY 2008
MSB
LSB
IN8
IN7
IN6
IN5
IN4
IN3
IN2
IN1
0
0
0
0
0
0
0
0
INn = 0 = Output OFF
INn = 1 = Output ON
To operate the output in PWM mode, the output control register must be updated at a rate twice the desired
PWM frequency of the output. Maximum PWM frequency is 5 kHz. The register is updated every 100
µs.
ENABLE TRUTH TABLE
SERIAL INPUT
EN1
OUT1
FOR OUT1
Open
H
On
Open
L
Off
L
H
On
L
L
Off
H
H
On
H
L
On
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPL9202


Número de pieza similar - TPL9202

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPL9202 TI-TPL9202 Datasheet
484Kb / 17P
[Old version datasheet]   8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
TPL9202PWP TI-TPL9202PWP Datasheet
484Kb / 17P
[Old version datasheet]   8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
TPL9202PWPG4 TI-TPL9202PWPG4 Datasheet
484Kb / 17P
[Old version datasheet]   8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
TPL9202PWPR TI-TPL9202PWPR Datasheet
484Kb / 17P
[Old version datasheet]   8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
TPL9202PWPRG4 TI-TPL9202PWPRG4 Datasheet
484Kb / 17P
[Old version datasheet]   8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
More results

Descripción similar - TPL9202

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPL9202 TI-TPL9202 Datasheet
484Kb / 17P
[Old version datasheet]   8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND BROWN-OUT DETECTION
TPL9201 TI-TPL9201_07 Datasheet
624Kb / 19P
[Old version datasheet]   8-CHANNEL RELAY DRIVER WITH INTEGRATED 5-V LDO AND ZERO-VOLT DETECTION
logo
Allegro MicroSystems
A2550 ALLEGRO-A2550 Datasheet
530Kb / 15P
   Relay Driver with 5 V Regulator
logo
ON Semiconductor
NCS2584 ONSEMI-NCS2584 Datasheet
268Kb / 17P
   Four-Channel Video Driver with Load Detection and Signal Detection
August, 2012 ??Rev. 0
logo
National Semiconductor ...
COP840CJ NSC-COP840CJ Datasheet
479Kb / 36P
   8-Bit Microcontrollers with Multi-Input Wake-Up and Brown Out Detector
COPCJ820 NSC-COPCJ820 Datasheet
408Kb / 32P
   8-Bit Microcontroller with Multi-Input Wake Up and Brown Out Detector
logo
ON Semiconductor
MDC3105 ONSEMI-MDC3105_1 Datasheet
426Kb / 2P
   5 V Relay Driver Socket
Rev.0,Aug.2006
logo
NXP Semiconductors
PCA9922 NXP-PCA9922 Datasheet
144Kb / 26P
   8-channel constant current LED driver with output error detection
Rev. 01-15 January 2009
PCA9922 NXP-PCA9922_11 Datasheet
255Kb / 27P
   8-channel constant current LED driver with output error detection
Rev. 2-6 April 2011
logo
Diodes Incorporated
DMN61D8LVTQ DIODES-DMN61D8LVTQ_16 Datasheet
349Kb / 7P
   INTEGRATED RELAY AND INDUCTIVE LOAD DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com