Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS1W-CLK23 Datasheet(PDF) 9 Page - Omron Electronics LLC

No. de pieza CS1W-CLK23
Descripción Electrónicos  SYSMAC CS-series Controller Link Units
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OMRON [Omron Electronics LLC]
Página de inicio  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-CLK23 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button CS1W-CLK23 Datasheet HTML 5Page - Omron Electronics LLC CS1W-CLK23 Datasheet HTML 6Page - Omron Electronics LLC CS1W-CLK23 Datasheet HTML 7Page - Omron Electronics LLC CS1W-CLK23 Datasheet HTML 8Page - Omron Electronics LLC CS1W-CLK23 Datasheet HTML 9Page - Omron Electronics LLC CS1W-CLK23 Datasheet HTML 10Page - Omron Electronics LLC CS1W-CLK23 Datasheet HTML 11Page - Omron Electronics LLC CS1W-CLK23 Datasheet HTML 12Page - Omron Electronics LLC CS1W-CLK23 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
CS1W-CLK
9
External Interface
CS1W-CLK23/CS1W-CLK21-V1
Definition of Terminal Block Pin Names for Communications Cables
Crimp Terminals
Use crimp terminals (M3) having the dimensions shown below.
Marking
Notation
Signal name
Line color
BD H
Communications data, high
Black
@
BD L
Communication data, low
White
None
SHLD
Shield
None
LED Indicators
Display the Unit and network status.
Unit Number Switch
One rotary switch. The unit number of the Unit on the PLC is set in single-digit
hexadecimal.
Node Address Switches
Two rotary switches. The node address of the Unit on the Controller Link Network
is set in 2-digit decimal.
Baud Rate Switches
A four-pin DIP switch. The following setting is made.
Pins 1 and 2: Baud rate
Pins 3 and 4: Not used (always OFF).
Terminating Resistance Switch
A slide switch. Use this switch to set the terminating resistance to ON for nodes at
both ends of the Controller Link Network.
Terminal Block for the Communications Cable
Terminals to connect to the Controller Link Network communications cable
(twisted-pair cable).
6.2 mm max.
6.2 mm max.


Número de pieza similar - CS1W-CLK23

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Omron Electronics LLC
CS1W-CLK23 OMRON-CS1W-CLK23 Datasheet
8Mb / 70P
   Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
More results

Descripción similar - CS1W-CLK23

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Omron Electronics LLC
CJ1W-CLK OMRON-CJ1W-CLK Datasheet
929Kb / 11P
   SYSMAC CJ-series Controller Link Units
CS1W-EIP21 OMRON-CS1W-EIP21 Datasheet
543Kb / 8P
   SYSMAC CS-series EtherNet/IP Unit
CJ1M OMRON-CJ1M Datasheet
526Kb / 12P
   SYSMAC CJ-series CJ1M CPU Units
CJ2M-CPU35 OMRON-CJ2M-CPU35 Datasheet
850Kb / 17P
   SYSMAC CJ-series CJ2M CPU Units
CJ1M-CPU13-ETN OMRON-CJ1M-CPU13-ETN Datasheet
452Kb / 15P
   SYSMAC CJ-series CJ1M CPU Units (with Ethernet function)
CJ2M-CPU35_1007 OMRON-CJ2M-CPU35_1007 Datasheet
4Mb / 30P
   SYSMAC CJ-series CJ2M CPU Units, Pulse I/O Modules
CJ1W-MCH72 OMRON-CJ1W-MCH72 Datasheet
3Mb / 374P
   Programmable Controller SYSMAC CJ-series CJ1W-MCH72
logo
List of Unclassifed Man...
C200H-AD001 ETC1-C200H-AD001 Datasheet
287Kb / 61P
   SYSMAC C200H-AD001/DA001 Analog I/O Units
logo
Omron Electronics LLC
CJ1W-EIP21 OMRON-CJ1W-EIP21 Datasheet
581Kb / 8P
   SYSMAC CJ-series EtherNet/IP Unit
logo
ATMEL Corporation
TSS461E ATMEL-TSS461E Datasheet
817Kb / 57P
   VAN Data Link Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com