Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS1W-CLK52-V1 Datasheet(PDF) 5 Page - Omron Electronics LLC

No. de pieza CS1W-CLK52-V1
Descripción Electrónicos  SYSMAC CS-series Controller Link Units
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OMRON [Omron Electronics LLC]
Página de inicio  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-CLK52-V1 Datasheet(HTML) 5 Page - Omron Electronics LLC

  CS1W-CLK52-V1 Datasheet HTML 1Page - Omron Electronics LLC CS1W-CLK52-V1 Datasheet HTML 2Page - Omron Electronics LLC CS1W-CLK52-V1 Datasheet HTML 3Page - Omron Electronics LLC CS1W-CLK52-V1 Datasheet HTML 4Page - Omron Electronics LLC CS1W-CLK52-V1 Datasheet HTML 5Page - Omron Electronics LLC CS1W-CLK52-V1 Datasheet HTML 6Page - Omron Electronics LLC CS1W-CLK52-V1 Datasheet HTML 7Page - Omron Electronics LLC CS1W-CLK52-V1 Datasheet HTML 8Page - Omron Electronics LLC CS1W-CLK52-V1 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
CS1W-CLK
5
H-PCF Cables and Optical Connectors
Note: Full-lock Optical Connectors (Crimp-cut) (S3200-COCF2071) cannot be used with the CS1W-SLK11. Use a Half-lock Cable (S3200-
COCF2571) or a H-PCF Optical Fiber Cable with Connector (S3200-CN
@@@-@@-@@).
H-PCF Optical Fiber Cables with Connectors (Black Composite Cables with Two-Optical Lines and Two
Power Supply Lines)
Optical connectors for H-PCF Optical Cables with Connectors are adhesive polished.
Cable Length
The following cable lengths are available: 2 m, 5 m, 15 m, and 20 m. For lengths of 21 m or more, contact your OMRON sales representative.
Model Numbers
Name
Application/construction
Specifications
Model
Standards
Optical Fiber Cables
Controller Link,
SYSMAC LINK,
SYSBUS
1. Optical fiber single-core cord
2. Tension member
(plastic-sheathed wire)
3. Filler (plastic)
4. Filler surrounding signal wires
(plastic, yarn, or fiber)
5. Holding tape (plastic)
6. Heat-resistant PV sheath
Two-core optical
cable with tension
member
Black
10 m
S3200-HCCB101
Black
50 m
S3200-HCCB501
Black
100 m
S3200-HCCB102
Black
500 m
S3200-HCCB502
Black
1000 m
S3200-HCCB103
Orange
10 m
S3200-HCCO101
Orange
50 m
S3200-HCCO501
Orange
100 m
S3200-HCCO102
Orange
500 m
S3200-HCCO502
Orange
1000 m
S3200-HCCO103
Optical
Connectors
(Crimp-cut)
Controller Link:
CS1W-CLK13
CS1W-CLK12-V1
3G8F7-CLK13-E
3G8F7-CLK12-EV1
CS1W-RPT02
SYSMAC LINK:
CS1W-SLK11
3G8F7-SLK11-E
C200HW-SLK13/14
Half lock
S3200-COCF2571
Controller Link:
CS1W-CLK13
CS1W-CLK12-V1
3G8F7-CLK13-E
3G8F7-CLK12-EV1
CS1W-RPT02
SYSMAC LINK:
3G8F7-SLK11-E
Full lock
S3200-COCF2071
(See note.)
Application
Appearance
Model
Standards
Controller Link,
SYSMAC LINK
S3200-CN
@@@-20-20
S3200-CN
@@@-20-25
S3200-CN
@@@-25-25
1
2
4
3
5
6
@@@
@@@
201
501
102
152
202
Length
2 m
5 m
10 m
15 m
20 m
20
25
Number Connector lock
Half-lock
Full-lock
(1) 2 m, 5 m, 10 m, 15 m, or 20 m
S3200-CN
@@@
@@@-20-25
1.
2.
3.
3. Specify the
cable length
in meters.
(2) 21 m or longer
S3200-CN-20-20
1.
2. Cable length
3. Connectors (both ends)
1. H-PCF
Optical Fiber Cable
Cable length


Número de pieza similar - CS1W-CLK52-V1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Omron Electronics LLC
CS1W-CLK53 OMRON-CS1W-CLK53 Datasheet
8Mb / 70P
   Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
More results

Descripción similar - CS1W-CLK52-V1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Omron Electronics LLC
CJ1W-CLK OMRON-CJ1W-CLK Datasheet
929Kb / 11P
   SYSMAC CJ-series Controller Link Units
CS1W-EIP21 OMRON-CS1W-EIP21 Datasheet
543Kb / 8P
   SYSMAC CS-series EtherNet/IP Unit
CJ1M OMRON-CJ1M Datasheet
526Kb / 12P
   SYSMAC CJ-series CJ1M CPU Units
CJ2M-CPU35 OMRON-CJ2M-CPU35 Datasheet
850Kb / 17P
   SYSMAC CJ-series CJ2M CPU Units
CJ1M-CPU13-ETN OMRON-CJ1M-CPU13-ETN Datasheet
452Kb / 15P
   SYSMAC CJ-series CJ1M CPU Units (with Ethernet function)
CJ2M-CPU35_1007 OMRON-CJ2M-CPU35_1007 Datasheet
4Mb / 30P
   SYSMAC CJ-series CJ2M CPU Units, Pulse I/O Modules
CJ1W-MCH72 OMRON-CJ1W-MCH72 Datasheet
3Mb / 374P
   Programmable Controller SYSMAC CJ-series CJ1W-MCH72
logo
List of Unclassifed Man...
C200H-AD001 ETC1-C200H-AD001 Datasheet
287Kb / 61P
   SYSMAC C200H-AD001/DA001 Analog I/O Units
logo
Omron Electronics LLC
CJ1W-EIP21 OMRON-CJ1W-EIP21 Datasheet
581Kb / 8P
   SYSMAC CJ-series EtherNet/IP Unit
logo
ATMEL Corporation
TSS461E ATMEL-TSS461E Datasheet
817Kb / 57P
   VAN Data Link Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com