Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STGIPS10K60A Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza STGIPS10K60A
Descripción Electrónicos  IGBT intelligent power module (IPM) 10 A, 600 V, DBC isolated SDIP-25L molded
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS10K60A Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STGIPS10K60A Datasheet HTML 5Page - STMicroelectronics STGIPS10K60A Datasheet HTML 6Page - STMicroelectronics STGIPS10K60A Datasheet HTML 7Page - STMicroelectronics STGIPS10K60A Datasheet HTML 8Page - STMicroelectronics STGIPS10K60A Datasheet HTML 9Page - STMicroelectronics STGIPS10K60A Datasheet HTML 10Page - STMicroelectronics STGIPS10K60A Datasheet HTML 11Page - STMicroelectronics STGIPS10K60A Datasheet HTML 12Page - STMicroelectronics STGIPS10K60A Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
STGIPS10K60A
Electrical characteristics
Doc ID 15587 Rev 5
9/17
3.1
Control part
Table 8.
Low supply voltage
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
VCCth1
Under voltage turn on threshold
9.1
9.6
10.1
V
VCCth2
Under voltage turn off threshold
7.9
8.3
8.8
V
VCChys
Under voltage hystereses
0.9
V
Iqccu
Under voltage quiescent supply
current
VCC < 9 V
0.75
1.2
mA
Iqcc
Quiescent current
VCC = 15 V
11.5
mA
RDS(on)
Bootstrap driver on resistance
VCC > 12.5 V
125
Table 9.
Bootstrap supply
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
Vbooth1
Under voltage turn on threshold
-
8.5
9.5
10.5
V
Vbooth2
Under voltage turn off threshold
-
7.2
8.3
9.2
V
Vboothys
Under voltage hystereses
-
0.9
V
Iqboot
Quiescent current
-
250
µA
Table 10.
Logic input (1)
1.
See
Figure 8: Dead time and interlocking definition.
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
Vil
Low level logic input voltage
1.1
V
Vih
High level logic input voltage
1.8
V
Iil
Low level logic input current
VIN
(2) = 0
2.
Applied between
HINi, LINi and GND for i = U, V, W
-1
µA
Iih
High level logic input current
VIN
(1) = 15 V
20
70
µA


Número de pieza similar - STGIPS10K60A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STGIPS10K60A2 STMICROELECTRONICS-STGIPS10K60A2 Datasheet
535Kb / 18P
   Short-circuit rugged IGBT
April 2015 Rev 3
More results

Descripción similar - STGIPS10K60A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
STGIPS14K60 STMICROELECTRONICS-STGIPS14K60 Datasheet
578Kb / 19P
   IGBT intelligent power module (IPM) 12 A, 600 V, DBC isolated, SDIP-25L molded
STGIPS20K60 STMICROELECTRONICS-STGIPS20K60 Datasheet
695Kb / 19P
   IGBT intelligent power module (IPM) 17 A, 600 V, DBC isolated SDIP-25L molded
STGIPL14K60 STMICROELECTRONICS-STGIPL14K60 Datasheet
485Kb / 21P
   IGBT intelligent power module (IPM) 14 A, 600 V, DBC isolated SDIP-38L molded
logo
ON Semiconductor
NFAQ1060L33T ONSEMI-NFAQ1060L33T Datasheet
588Kb / 14P
   Intelligent Power Module (IPM) 600 V, 10 A
January, 2020 ??Rev. 1
NFAQ1060L36TB ONSEMI-NFAQ1060L36TB Datasheet
511Kb / 14P
   Intelligent Power Module (IPM) 600 V, 10 A
March, 2021 ??Rev. 0
STK554U362C-E ONSEMI-STK554U362C-E Datasheet
337Kb / 16P
   Intelligent Power Module (IPM) 600 V, 10 A
August 2017 - Rev. 3
STK541UC62K-E ONSEMI-STK541UC62K-E Datasheet
435Kb / 15P
   Intelligent Power Module (IPM) 600 V, 10 A
October 2016 - Rev. 1
STK551U362A-E ONSEMI-STK551U362A-E Datasheet
851Kb / 16P
   Intelligent Power Module (IPM) 600 V, 10 A
December 2016 - Rev. 2
STK544UC62K-E ONSEMI-STK544UC62K-E Datasheet
453Kb / 16P
   Intelligent Power Module (IPM) 600 V, 10 A
December 2016 - Rev. 3
STK544UC63K-E ONSEMI-STK544UC63K-E Datasheet
317Kb / 13P
   Intelligent Power Module (IPM), 600 V, 10 A
May, 2019 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com