Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BFC233820393 Datasheet(PDF) 4 Page - Vishay Siliconix

No. de pieza BFC233820393
Descripción Electrónicos  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC233820393 Datasheet(HTML) 4 Page - Vishay Siliconix

  BFC233820393 Datasheet HTML 1Page - Vishay Siliconix BFC233820393 Datasheet HTML 2Page - Vishay Siliconix BFC233820393 Datasheet HTML 3Page - Vishay Siliconix BFC233820393 Datasheet HTML 4Page - Vishay Siliconix BFC233820393 Datasheet HTML 5Page - Vishay Siliconix BFC233820393 Datasheet HTML 6Page - Vishay Siliconix BFC233820393 Datasheet HTML 7Page - Vishay Siliconix BFC233820393 Datasheet HTML 8Page - Vishay Siliconix BFC233820393 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Document Number: 28119
For technical questions, contact: rfi@vishay.com
www.vishay.com
Revision: 16-Jul-09
148
MKP 338 2 X2
Interference Suppression Film Capacitors
MKP Radial Potted Type
Vishay BCcomponents
Notes
(1)
H = In-tape height, P0 = Sprocket hole distance; for detailed specifications refer to packaging information
(2)
Weight for short lead product only
Notes
(1)
Reel diameter = 356 mm is available on request
(2)
Weight for short lead product only
Pitch: 7.5 mm; C-tol. = ± 5 %
C
(µF)
DIMENSIONS
w xh xl
(mm)
MASS
(g) (2)
CATALOG NUMBER BFC2 338 ..... AND PACKAGING
LOOSE IN BOX
AMMOPACK (1)
Short leads
Long leads
H = 18.5 mm
P0 = 12.7 mm
lt = 3.5 mm
+ 1 mm/- 0.5 mm (2)
lt = 5.0 mm
± 1.0 mm
SPQ
lt = 25.0 mm
± 2.0 mm
SPQ
SPQ
Pitch = 7.5mm ± 0.4mm; dt = 0.50 mm ± 0.05 mm
0.001
4.0 x 9.0 x 10.0
0.4
28201
28401
1500
28601
1000
28801
1250
0.0012
28202
28402
28602
28802
0.0015
28203
28403
28603
28803
0.0018
28204
28404
28604
28804
0.0022
28205
28405
28605
28805
0.0027
28206
28406
28606
28806
0.0033
28207
28407
28607
28807
0.0039
28208
28408
28608
28808
0.0047
28209
28409
28609
28809
0.0056
28211
28411
28611
28811
0.0068
28212
28412
28612
28812
0.0082
28213
28413
28613
28813
0.01
28214
28414
28614
28814
0.012
28215
28415
28615
28815
0.015
28216
28416
28616
28816
0.018
28217
28417
28617
28817
0.022
28218
28418
28618
28818
0.027
28219
28419
1000
28619
1250
28819
1000
0.033
5.0 x 10.5 x 10.0
0.6
28221
28421
1000
28621
1250
28821
1000
0.039
28222
28422
750
28622
1000
28822
750
0.047
6.0 x 11.5 x 10.0
0.8
28223
28423
750
28623
1000
28823
750
Bent back pitch: 7.5 mm (only taped); C-tol. = ± 20 %
C
(µF)
DIMENSIONS
w x h x l
(mm)
MASS
(g) (2)
CATALOG NUMBER BFC2 338 ..... AND PACKAGING
REEL (500 mm) (1)
H = 16.0 mm; P0 = 15.0 mm
SPQ
Bent back pitch = 7.5 mm ± 0.4 mm; dt = 0.60 mm ± 0.06 mm
0.056
5.0 x 13.0 x 12.5
0.82
26563
1600
0.068
26683
0.082
6.0 x 14.0 x 12.5
1.1
26823
1600
0.1
26104
Bent back pitch = 7.5 mm ± 0.4 mm; dt = 0.60 mm ± 0.06 mm
0.12
5.0 x 13.0 x 17.5
1.0
26124
800
0.15
6.0 x 14.0 x 17.5
1.4
26154
700
0.18
26184
Bent back pitch = 7.5 mm ± 0.4 mm; dt = 0.80 ± 0.08 mm
0.22
7.0 x 15.5 x 17.5
1.8
26224
550
0.27
8.5 x 17.0 x 17.5
2.4
26274
550
0.33
26334
500


Número de pieza similar - BFC233820393

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
BFC233820 VISHAY-BFC233820 Datasheet
174Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
logo
Texas Instruments
BFC233820103 TI1-BFC233820103 Datasheet
1Mb / 26P
[Old version datasheet]   a Phase-Dimmable, Primary-Side Regulated LED Driver
logo
Vishay Siliconix
BFC233820104 VISHAY-BFC233820104 Datasheet
174Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 24-Jan-13
BFC233820222 VISHAY-BFC233820222 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
BFC233820223 VISHAY-BFC233820223 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
More results

Descripción similar - BFC233820393

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233610224 VISHAY-BFC233610224 Datasheet
148Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 06-Aug-12
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com