Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADM1026JSTZ Datasheet(PDF) 5 Page - ON Semiconductor

No. de pieza ADM1026JSTZ
Descripción Electrónicos  Complete Thermal System Management Controller
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026JSTZ Datasheet(HTML) 5 Page - ON Semiconductor

  ADM1026JSTZ Datasheet HTML 1Page - ON Semiconductor ADM1026JSTZ Datasheet HTML 2Page - ON Semiconductor ADM1026JSTZ Datasheet HTML 3Page - ON Semiconductor ADM1026JSTZ Datasheet HTML 4Page - ON Semiconductor ADM1026JSTZ Datasheet HTML 5Page - ON Semiconductor ADM1026JSTZ Datasheet HTML 6Page - ON Semiconductor ADM1026JSTZ Datasheet HTML 7Page - ON Semiconductor ADM1026JSTZ Datasheet HTML 8Page - ON Semiconductor ADM1026JSTZ Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
ADM1026
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS TA = TMIN to TMAX, VCC = VMIN to VMAX, unless otherwise noted. (Note 1, 2, and 3)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER SUPPLY
Supply Voltage, 3.3 V STBY
3.0
3.3
5.5
V
Supply Current, ICC
Interface inactive, ADC active
2.5
4.0
mA
TEMPERATURE−TO−DIGITAL CONVERTER
Internal Sensor Accuracy
±3.0
°C
Resolution
±1.0
°C
External Diode Sensor Accuracy
0°C < TD < 100°C
±3.0
°C
Resolution
±1.0
°C
Remote Sensor Source Current
High level
Low level
90
5.5
mA
ANALOG−TO−DIGITAL CONVERTER
(Including MUX and ATTENUATORS)
Total Unadjusted Error (TUE) (Note 4)
±2.0
%
Differential Non−linearity (DNL)
±1.0
LSB
Power Supply Sensitivity
±0.1
%/V
Conversion Time
(Analog Input or Internal Temperature) (Note 5)
11.38
12.06
ms
Conversion Time (External Temperature) (Note 5)
34.13
36.18
ms
Input Resistance (+5.0 VIN, VCCP, AIN0 − AIN5)
80
100
120
kW
Input Resistance of +12 VIN pin
70
100
115
kW
Input Resistance of −12 VIN pin
8.0
10
12
kW
Input Resistance (AIN6 − AIN9)
5.0
MW
Input Resistance of VBAT pin (Note 4)
80
100
120
kW
VBAT Current Drain (when measured)
CR2032 battery life >10 years
80
100
nA
VBAT Current Drain (when not measured)
6.0
nA
ANALOG OUTPUT (DAC)
Output Voltage Range
0
–2.5
V
Total Unadjusted Error (TUE)
IL = 2 mA
±5.0
%
Zero Error
No load
1.0
LSB
Differential Non−linearity (DNL)
Monotonic by design
±1.0
LSB
Integral Non−linearity
±0.5
LSB
Output Source Current
2.0
mA
Output Sink Current
1.0
mA
REFERENCE OUTPUT
Output Voltage
Bit 2 of Register 07h = 0
Bit 2 of Register 07h = 1
1.8
2.47
1.82
2.50
1.84
2.53
V
Load Regulation (ISINK = 2 mA)
0.15
%
Load Regulation (ISOURCE = 2 mA)
0.15
%
Short Circuit Current
VCC = 3.3 V
25
mA
Output Current Source
2.0
mA
Output Current Sink
2.0
mA


Número de pieza similar - ADM1026JSTZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
ADM1026JSTZ-R7 ONSEMI-ADM1026JSTZ-R7 Datasheet
473Kb / 55P
   Complete Thermal System Management Controller
April, 2012 ??Rev. 4
logo
Analog Devices
ADM1026JSTZ-REEL AD-ADM1026JSTZ-REEL Datasheet
634Kb / 56P
   Complete Thermal and System Management Controller
REV. A
logo
ON Semiconductor
ADM1026JSTZ-REEL ONSEMI-ADM1026JSTZ-REEL Datasheet
473Kb / 55P
   Complete Thermal System Management Controller
April, 2012 ??Rev. 4
More results

Descripción similar - ADM1026JSTZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
ADM1026JSTZ-R7 ONSEMI-ADM1026JSTZ-R7 Datasheet
473Kb / 55P
   Complete Thermal System Management Controller
April, 2012 ??Rev. 4
logo
Analog Devices
ADM1026 AD-ADM1026 Datasheet
634Kb / 56P
   Complete Thermal and System Management Controller
REV. A
logo
National Semiconductor ...
PC87782 NSC-PC87782 Datasheet
123Kb / 17P
   CompactRISC Intelligent System Management Controller
logo
Agilent(Hewlett-Packard...
HDJD-J822 HP-HDJD-J822 Datasheet
143Kb / 19P
   Color Management System Feedback Controller
logo
Texas Instruments
TPS99001-Q1 TI-TPS99001-Q1 Datasheet
2Mb / 50P
[Old version datasheet]   TPS99001-Q1 System Management Controller
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-J822 AVAGO-HDJD-J822 Datasheet
72Kb / 2P
   Color Management System Feedback Controller
logo
Texas Instruments
TPS99000-Q1 TI1-TPS99000-Q1 Datasheet
388Kb / 9P
[Old version datasheet]   System Management and Illumination Controller
TPS99000-Q1 TI1-TPS99000-Q1_18 Datasheet
3Mb / 81P
[Old version datasheet]   System Management and Illumination Controller
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-J822-SCR00 AVAGO-HDJD-J822-SCR00 Datasheet
230Kb / 16P
   Color Management System Feedback Controller
logo
List of Unclassifed Man...
PLW114050 ETC2-PLW114050 Datasheet
260Kb / 3P
   Thermal Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com