Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA19978B Datasheet(PDF) 2 Page - NXP Semiconductors

No. de pieza TDA19978B
Descripción Electrónicos  Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA19978B Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA19978B Datasheet HTML 1Page - NXP Semiconductors TDA19978B Datasheet HTML 2Page - NXP Semiconductors TDA19978B Datasheet HTML 3Page - NXP Semiconductors TDA19978B Datasheet HTML 4Page - NXP Semiconductors TDA19978B Datasheet HTML 5Page - NXP Semiconductors TDA19978B Datasheet HTML 6Page - NXP Semiconductors TDA19978B Datasheet HTML 7Page - NXP Semiconductors TDA19978B Datasheet HTML 8Page - NXP Semiconductors TDA19978B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
TDA19978B_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 10 May 2010
2 of 38
NXP Semiconductors
TDA19978B
Quad HDMI 1.3a receiver with digital processing
2.
Features and benefits
Complies with the HDMI 1.3a, DVI 1.0 and CEA-861-D
Four (quad) independent HDMI inputs, up to the HDMI frequency of 205 MHz
Embedded auto-adaptive equalizer on all HDMI links
EDID memory: 253 shared bytes and three bytes dedicated to each HDMI input
Supports color depth processing (8-bit, 10-bit or 12-bit per color)
Color gamut metadata packet with interrupt on each update, readable via the I2C-bus
Up to four S/PDIF or I2S-bus outputs (eight channels) at a sampling rate up to 192 kHz
with IEC 60958/IEC 61937 stream
HBR audio stream up to 768 kHz with four demultiplexed S/PDIF or I2S-bus outputs
HBR streams (e.g. DTS-HD master audio and Dolby TrueHD up to eight channels due
to HBR packet for stream with a frame rate up to 768 kHz) support
DSD and DST audio stream up to six DSD channels output for SACD with DST audio
packet support
Channel status decoder supports multi-channel reception
Improved audio clock generation using an external reference clock
System/master clock output (128/256/512
× f
s) enables the use of the UDA1334BTS
The HDMI interface supports:
All HDTV formats up to 1920
× 1080p at 50/60 Hz and WUXGA (1920 × 1200p at
60 Hz) with support for reduced blanking
PC formats up to UXGA (1600
× 1200p at 60 Hz)
Embedded oscillator (an external crystal can be used)
Frame and field detection for interlaced video signal
Sync timing measurements for format recognition
Improved system for measurements of blanking and video active area allowing an
accurate recognition of PC and TV formats
Repeater capability
Programmable color space input signal conversion from RGB-to-YCbCr or
YCbCr-to-RGB
Output formats: RGB 4:4:4, YCbCr 4:4:4, YCbCr 4:2:2 semi-planar based on the
ITU-R BT.601 standard and YCbCr 4:2:2 ITU-R BT.656
8-bit, 10-bit or 12-bit output formats selectable using the I2C-bus (8-bit and 10-bit only
in 4:4:4 format)
I2C-bus adjustable timing of video port (tsu(Q) and th(Q))
Downsampling-by-two with selectable filters on Cb and Cr channels in 4:2:2 mode
Internal video and audio pattern generator
Controllable using the I2C-bus; 5 V tolerant and bit rate up to 400 kbit/s
DDC-bus inputs 5 V tolerant and bit rate up to 400 kbit/s
LV-TTL outputs
Power-down mode
CMOS process
1.8 V and 3.3 V power supplies
Lead-free (Pb) HLQFP144 package


Número de pieza similar - TDA19978B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA19978A NXP-TDA19978A Datasheet
287Kb / 38P
   Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 03-16 April 2010
TDA19978AHV NXP-TDA19978AHV Datasheet
287Kb / 38P
   Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 03-16 April 2010
More results

Descripción similar - TDA19978B

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA19978A NXP-TDA19978A Datasheet
287Kb / 38P
   Quad HDMI 1.3a receiver interface with equalizer (HDTV up to 1080p, up to UXGA for PC formats)
Rev. 03-16 April 2010
TDA19977A NXP-TDA19977A Datasheet
1Mb / 40P
   Triple input HDMI 1.4a compliant receiver interface with equalizer
Rev. 3-19 November 2010
logo
Tripp Lite. All Rights ...
P14206NMICRO TRIPPLITE-P14206NMICRO Datasheet
474Kb / 2P
   Micro HDMI to HDMI Adapter for Ultrabook-Laptop-Desktop PC - 1920x1200-1080p,
B126-1P0-MINI TRIPPLITE-B126-1P0-MINI Datasheet
178Kb / 3P
   HDMI over Cat5e/Cat6 Passive Extender, Low-Profile Remote Receiver for Video and Audio, 1080p @60Hz up to 50-ft.
B126-1P0-WP-1 TRIPPLITE-B126-1P0-WP-1 Datasheet
157Kb / 3P
   HDMI over Cat5/Cat6 Passive Extender, Wallplate Remote Receiver for Video and Audio, 1080p @60Hz up to 50-ft., TAA
P13106N TRIPPLITE-P13106N Datasheet
486Kb / 2P
   HDMI to VGA with Audio Converter Adapter for Ultrabook-Laptop-Desktop PC - 1920x1200-1080p
logo
Texas Instruments
LM4308 TI-LM4308 Datasheet
1Mb / 33P
[Old version datasheet]   18-bit i80 CPU Display Interface, Supports up to 640 x 480 VGA Formats
logo
IOGEAR
GWAVRC IOGEAR-GWAVRC Datasheet
146Kb / 2P
   Wireless Mobile and PC to HDTV Screen Sharing Receiver
logo
Chrontel, Inc.
CH7104B CHRONTEL-CH7104B Datasheet
200Kb / 7P
   CH7104B HDMI to HDTV/VGA Converter
Rev 1.5 2021-5-20
logo
Tripp Lite. All Rights ...
B126-1P0 TRIPPLITE-B126-1P0 Datasheet
166Kb / 3P
   HDMI over Cat5/Cat6 Passive Extender, Box-Style Remote Receiver for Video and Audio, 1080p @60Hz up to 50-ft., TAA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com