Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BU407 Datasheet(PDF) 1 Page - ON Semiconductor |
|
BU407 Datasheet(HTML) 1 Page - ON Semiconductor |
1 / 3 page © Semiconductor Components Industries, LLC, 2009 May, 2009 − Rev. 8 1 Publication Order Number: BU406/D BU406, BU407 NPN Power Transistors These devices are high voltage, high speed transistors for horizontal deflection output stages of TV’s and CRT’s. Features • High Voltage: VCEV = 330 or 400 V • Fast Switching Speed: tf = 750 ns (max) • Low Saturation Voltage: VCE(sat) = 1 V (max) @ 5 A • Pb−Free Packages are Available* MAXIMUM RATINGS Rating Symbol Value Unit Collector−Emitter Voltage BU406 BU407 VCEO 200 150 Vdc Collector−Emitter Voltage BU406 BU407 VCEV 400 330 Vdc Collector−Base Voltage BU406 BU407 VCBO 400 330 Vdc Emitter−Base Voltage VEBO 6 Vdc Collector Current − Continuous − Peak Repetitive − Peak (10 ms) IC 7 10 15 Adc Base Current IB 4 Adc Total Device Dissipation @ TC = 25_C Derate above 25°C PD 60 0.48 W W/_C Operating and Storage Junction Temperature Storage TJ, Tstg −65 to 150 _C THERMAL CHARACTERISTICS Characteristics Symbol Max Unit Thermal Resistance, Junction−to−Case RqJC 2.08 _C/W Thermal Resistance, Junction−to−Ambient RqJA 70 _C/W Maximum Lead Temperature for Soldering Purposes1/8″ from Case for 5 Seconds TL 260 _C Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. *For additional information on our Pb−Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D. NPN SILICON POWER TRANSISTORS 7 AMPERES − 60 WATTS 150 AND 200 VOLTS TO−220AB CASE 221A−09 STYLE 1 1 http://onsemi.com MARKING DIAGRAM BU40x = Specific Device Code x = 6 or 7 A = Assembly Location Y = Year WW = Work Week G= Pb−Free Package 2 3 Device Package Shipping ORDERING INFORMATION BU406 TO−220AB 50 Units / Rail BU406G TO−220AB (Pb−Free) 50 Units / Rail BU40xG AY WW BU407 TO−220AB 50 Units / Rail BU407G TO−220AB (Pb−Free) 50 Units / Rail |
Número de pieza similar - BU407 |
|
Descripción similar - BU407 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |