Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT24AA08TDI-GT3 Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza CAT24AA08TDI-GT3
Descripción Electrónicos  4-Kb and 8-Kb I2C CMOS Serial EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24AA08TDI-GT3 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT24AA08TDI-GT3 Datasheet HTML 1Page - ON Semiconductor CAT24AA08TDI-GT3 Datasheet HTML 2Page - ON Semiconductor CAT24AA08TDI-GT3 Datasheet HTML 3Page - ON Semiconductor CAT24AA08TDI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT24AA08TDI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT24AA08TDI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT24AA08TDI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT24AA08TDI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT24AA08TDI-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CAT24AA04, CAT24AA08
http://onsemi.com
4
Power−On Reset (POR)
Each CAT24AA04/08 incorporates Power−On Reset
(POR) circuitry which protects the internal logic against
powering up in the wrong state. The device will power up
into Standby mode after VCC exceeds the POR trigger level
and will power down into Reset mode when VCC drops
below the POR trigger level.
This bi−directional POR behavior protects the device
against brown−out failure, following a temporary loss of
power.
Pin Description
SCL: The Serial Clock input pin accepts the clock signal
generated by the Master.
SDA: The Serial Data I/O pin accepts input data and delivers
output data. In transmit mode, this pin is open drain. Data is
acquired on the positive edge, and delivered on the negative
edge of SCL.
WP: When the Write Protect input pin is forced HIGH by an
external source, all write operations are inhibited. When the
pin is not driven by an external source, it is pulled LOW
internally.
Functional Description
The CAT24AA04/08 supports the Inter−Integrated
Circuit (I2C) Bus protocol. The protocol relies on the use of
a Master device, which provides the clock and directs bus
traffic, and Slave devices which execute requests. The
CAT24AA04/08 operates as a Slave device. Both Master
and Slave can transmit or receive, but only the Master can
assign those roles.
I2C Bus Protocol
The 2−wire I2C bus consists of two lines, SCL and SDA,
connected to the VCC supply via pull−up resistors. The
Master provides the clock to the SCL line, and the Master
and Slaves drive the SDA line. A ‘0’ is transmitted by
pulling a line LOW and a ‘1’ by releasing it HIGH. Data
transfer may be initiated only when the bus is not busy (see
A.C. Characteristics). During data transfer, SDA must
remain stable while SCL is HIGH.
START/STOP Condition
An SDA transition while SCL is HIGH creates a START
or STOP condition (Figure 2). A START is generated by a
HIGH to LOW transition, while a STOP is generated by a
LOW to HIGH transition. The START acts like a wake−up
call. Absent a START, no Slave will respond to the Master.
The STOP completes all commands.
Device Addressing
The Master addresses a Slave by creating a START
condition and then broadcasting an 8−bit Slave address
(Figure 3). The four most significant bits of the Slave
address are 1010 (Ah). The next three bits from the Slave
address byte are assigned as shown in Figure 3, where a9 and
a8 are internal address bits.The last bit, R/W, instructs the
Slave to either provide (1) or accept (0) data, i.e. it specifies
a Read (1) or a Write (0) operation.
Acknowledge
During the 9th clock cycle following every byte sent onto
the bus, the transmitter releases the SDA line, allowing the
receiver to respond. The receiver then either acknowledges
(ACK) by pulling SDA LOW, or does not acknowledge
(NoACK) by letting SDA stay HIGH (Figure 4). Bus timing
is illustrated in Figure 5.
Figure 2. Start/Stop Timing
START
CONDITION
STOP
CONDITION
SDA
SCL
Figure 3. Slave Address Bits
101000
a8
R/W
CAT24AA04
10100
a9 a8
R/W
CAT24AA08


Número de pieza similar - CAT24AA08TDI-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT24AA01 CATALYST-CAT24AA01 Datasheet
206Kb / 13P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT24AA01 ONSEMI-CAT24AA01 Datasheet
170Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 3
CAT24AA01 ONSEMI-CAT24AA01 Datasheet
91Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
May, 2015 ??Rev. 5
logo
Catalyst Semiconductor
CAT24AA01TDI-10 CATALYST-CAT24AA01TDI-10 Datasheet
206Kb / 13P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
CAT24AA01TDI-3 CATALYST-CAT24AA01TDI-3 Datasheet
206Kb / 13P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
More results

Descripción similar - CAT24AA08TDI-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAV24C02 ONSEMI-CAV24C02_15 Datasheet
122Kb / 15P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2015 ??Rev. 4
N24C02 ONSEMI-N24C02 Datasheet
95Kb / 10P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
CAV24C02YE-GT3 ONSEMI-CAV24C02YE-GT3 Datasheet
148Kb / 11P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
May, 2011 ??Rev. 2
CAV24C02 ONSEMI-CAV24C02 Datasheet
151Kb / 11P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
April, 2011 ??Rev. 1
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C04WI-GT3JN ONSEMI-CAT24C04WI-GT3JN Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01 ONSEMI-CAT24C01 Datasheet
177Kb / 16P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com