Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT24AA08TDI-T10 Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza CAT24AA08TDI-T10
Descripción Electrónicos  4-Kb and 8-Kb I2C CMOS Serial EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24AA08TDI-T10 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT24AA08TDI-T10 Datasheet HTML 1Page - ON Semiconductor CAT24AA08TDI-T10 Datasheet HTML 2Page - ON Semiconductor CAT24AA08TDI-T10 Datasheet HTML 3Page - ON Semiconductor CAT24AA08TDI-T10 Datasheet HTML 4Page - ON Semiconductor CAT24AA08TDI-T10 Datasheet HTML 5Page - ON Semiconductor CAT24AA08TDI-T10 Datasheet HTML 6Page - ON Semiconductor CAT24AA08TDI-T10 Datasheet HTML 7Page - ON Semiconductor CAT24AA08TDI-T10 Datasheet HTML 8Page - ON Semiconductor CAT24AA08TDI-T10 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CAT24AA04, CAT24AA08
http://onsemi.com
3
Table 5. A.C. CHARACTERISTICS (Note 5) (VCC = 1.7 V to 5.5 V, TA = −40°C to 85°C, unless otherwise specified.)
Symbol
Parameter
Standard
VCC = 1.7 V – 5.5 V
Fast
VCC = 1.7 V – 5.5 V
1 MHz
VCC = 2.5 V – 5.5 V
Units
Min
Max
Min
Max
Min
Max
FSCL
Clock Frequency
100
400
1000
kHz
tHD:STA
START Condition Hold Time
4
0.6
0.25
ms
tLOW
Low Period of SCL Clock
4.7
1.3
0.5
ms
tHIGH
High Period of SCL Clock
4
0.6
0.5
ms
tSU:STA
START Condition Setup Time
4.7
0.6
0.25
ms
tHD:DAT
Data In Hold Time
0
0
0
ns
tSU:DAT
Data In Setup Time
250
100
100
ns
tR
(Note 6)
SDA and SCL Rise Time
1000
300
300
ns
tF
(Note 6)
SDA and SCL Fall Time
300
300
100
ns
tSU:STO
STOP Condition Setup Time
4
0.6
0.25
ms
tBUF
Bus Free Time Between
STOP and START
4.7
1.3
0.5
ms
tAA
SCL Low to Data Out Valid
3.5
0.9
0.4
ms
tDH
Data Out Hold Time
100
50
50
ns
Ti
(Note 6)
Noise Pulse Filtered at
SCL and SDA Inputs
100
100
100
ns
tSU:WP
WP Setup Time
0
0
0
ms
tHD:WP
WP Hold Time
2.5
2.5
1
ms
tWR
Write Cycle Time
5
5
5
ms
tPU
(Notes 6, 7)
Power−up to Ready Mode
1
1
1
ms
5. Test conditions according to “A.C. Test Conditions” table.
6. Tested initially and after a design or process change that affects this parameter.
7. tPU is the delay between the time VCC is stable and the device is ready to accept commands.
Table 6. A.C. TEST CONDITIONS
Input Levels
0.2 x VCC to 0.8 x VCC
Input Rise and Fall Times
≤ 50 ns
Input Reference Levels
0.3 x VCC, 0.7 x VCC
Output Reference Levels
0.5 x VCC
Output Load
Current Source: IOL = 3 mA (VCC ≥ 2.5 V); IOL = 1 mA (VCC < 2.5 V); CL = 100 pF


Número de pieza similar - CAT24AA08TDI-T10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT24AA01 CATALYST-CAT24AA01 Datasheet
206Kb / 13P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT24AA01 ONSEMI-CAT24AA01 Datasheet
170Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 3
CAT24AA01 ONSEMI-CAT24AA01 Datasheet
91Kb / 10P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
May, 2015 ??Rev. 5
logo
Catalyst Semiconductor
CAT24AA01TDI-10 CATALYST-CAT24AA01TDI-10 Datasheet
206Kb / 13P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
CAT24AA01TDI-3 CATALYST-CAT24AA01TDI-3 Datasheet
206Kb / 13P
   1-Kb and 2-Kb I2C CMOS Serial EEPROM
More results

Descripción similar - CAT24AA08TDI-T10

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAV24C02 ONSEMI-CAV24C02_15 Datasheet
122Kb / 15P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2015 ??Rev. 4
N24C02 ONSEMI-N24C02 Datasheet
95Kb / 10P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
June, 2016 ??Rev. 1
CAV24C02YE-GT3 ONSEMI-CAV24C02YE-GT3 Datasheet
148Kb / 11P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
May, 2011 ??Rev. 2
CAV24C02 ONSEMI-CAV24C02 Datasheet
151Kb / 11P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
April, 2011 ??Rev. 1
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C04WI-GT3JN ONSEMI-CAT24C04WI-GT3JN Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01 ONSEMI-CAT24C01 Datasheet
177Kb / 16P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com