Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT24C128LI-GT3 Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza CAT24C128LI-GT3
Descripción Electrónicos  128 kb I2C CMOS Serial EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C128LI-GT3 Datasheet(HTML) 3 Page - ON Semiconductor

  CAT24C128LI-GT3 Datasheet HTML 1Page - ON Semiconductor CAT24C128LI-GT3 Datasheet HTML 2Page - ON Semiconductor CAT24C128LI-GT3 Datasheet HTML 3Page - ON Semiconductor CAT24C128LI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT24C128LI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT24C128LI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT24C128LI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT24C128LI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT24C128LI-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CAT24C128
http://onsemi.com
3
Table 5. A.C. CHARACTERISTICS (VCC = 1.8 V to 5.5 V, TA = −40°C to +125°C) (Note 6)
Symbol
Parameter
Standard
Fast
Units
Min
Max
Min
Max
FSCL
Clock Frequency
100
400
kHz
tHD:STA
START Condition Hold Time
4
0.6
ms
tLOW
Low Period of SCL Clock
4.7
1.3
ms
tHIGH
High Period of SCL Clock
4
0.6
ms
tSU:STA
START Condition Setup Time
4.7
0.6
ms
tHD:DAT
Data Hold Time
0
0
ms
tSU:DAT
Data Setup Time
250
100
ns
tR
SDA and SCL Rise Time
1000
300
ns
tF (Note 7)
SDA and SCL Fall Time
300
300
ns
tSU:STO
STOP Condition Setup Time
4
0.6
ms
tBUF
Bus Free Time Between STOP and START
4.7
1.3
ms
tAA
SCL Low to SDA Data Out
3.5
0.9
ms
tDH
Data Out Hold Time
100
100
ns
Ti (Note 7)
Noise Pulse Filtered at SCL and SDA Inputs
100
100
ns
tSU:WP
WP Setup Time
0
0
ms
tHD:WP
WP Hold Time
2.5
2.5
ms
tWR
Write Cycle Time
5
5
ms
tPU (Notes 7 and 8)
Power−up to Ready Mode
1
1
ms
6. Test conditions according to “A.C. Test Conditions” table.
7. Tested initially and after a design or process change that affects this parameter.
8. tPU is the delay between the time VCC is stable and the device is ready to accept commands.
Table 6. A.C. TEST CONDITIONS
Input Levels
0.2 x VCC to 0.8 x VCC
Input Rise and Fall Times
v 50 ns
Input Reference Levels
0.3 x VCC, 0.7 x VCC
Output Reference Levels
0.5 x VCC
Output Load
Current Source: IOL = 3 mA (VCC ≥ 2.5 V); IOL = 1 mA (VCC < 2.5 V); CL = 100 pF


Número de pieza similar - CAT24C128LI-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT24C128LI-GT3 CATALYST-CAT24C128LI-GT3 Datasheet
520Kb / 17P
   128-Kb I2C CMOS Serial EEPROM
CAT24C128LI-GT3 CATALYST-CAT24C128LI-GT3 Datasheet
433Kb / 18P
   128-Kb I2C CMOS Serial EEPROM
More results

Descripción similar - CAT24C128LI-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT24C128 CATALYST-CAT24C128 Datasheet
520Kb / 17P
   128-Kb I2C CMOS Serial EEPROM
CAT24C128 CATALYST-CAT24C128_07 Datasheet
433Kb / 18P
   128-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAV24C128 ONSEMI-CAV24C128_18 Datasheet
269Kb / 16P
   EEPROM Serial 128-Kb I2C
May, 2018 ??Rev. 1
CAT24C128HU4IGT3 ONSEMI-CAT24C128HU4IGT3 Datasheet
181Kb / 16P
   128 kb I2C CMOS Serial
August, 2013 ??Rev. 15
CAT25128 ONSEMI-CAT25128 Datasheet
186Kb / 16P
   128-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 2
CAT25128LI-G ONSEMI-CAT25128LI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128VI-G ONSEMI-CAT25128VI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128 ONSEMI-CAT25128_12 Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128 ONSEMI-CAT25128_14 Datasheet
220Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
February, 2014 ??Rev. 8
CAT24S128 ONSEMI-CAT24S128 Datasheet
96Kb / 12P
   128 Kb I2C CMOS Serial EEPROM with Software Write Protect
September, 2018 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com