Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT28C17AWI-20T Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza CAT28C17AWI-20T
Descripción Electrónicos  16 kb CMOS Parallel EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28C17AWI-20T Datasheet(HTML) 4 Page - ON Semiconductor

  CAT28C17AWI-20T Datasheet HTML 1Page - ON Semiconductor CAT28C17AWI-20T Datasheet HTML 2Page - ON Semiconductor CAT28C17AWI-20T Datasheet HTML 3Page - ON Semiconductor CAT28C17AWI-20T Datasheet HTML 4Page - ON Semiconductor CAT28C17AWI-20T Datasheet HTML 5Page - ON Semiconductor CAT28C17AWI-20T Datasheet HTML 6Page - ON Semiconductor CAT28C17AWI-20T Datasheet HTML 7Page - ON Semiconductor CAT28C17AWI-20T Datasheet HTML 8Page - ON Semiconductor CAT28C17AWI-20T Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CAT28C17A
http://onsemi.com
4
Table 4. RELIABILITY CHARACTERISTICS (Note 4)
Symbol
Parameter
Test Method
Min
Max
Units
NEND
Endurance
MIL−STD−883, Test Method 1033
10,000
Cycles/Byte
TDR
Data Retention
MIL−STD−883, Test Method 1008
10
Years
VZAP
ESD Susceptibility
MIL−STD−883, Test Method 3015
2,000
V
ILTH (Note 5)
Latch−Up
JEDEC Standard 17
100
mA
4. This parameter is tested initially and after a design or process change that affects the parameter.
5. Latch−up protection is provided for stresses up to 100 mA on address and data pins from −1 V to VCC + 1 V.
Table 5. D.C. OPERATING CHARACTERISTICS (VCC = 5 V ±10%, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Limits
Units
Min
Typ
Max
ICC
VCC Current (Operating, TTL)
CE = OE = VIL,
f = 1/tRC min, All I/O’s Open
35
mA
ICCC (Note 6)
VCC Current (Operating, CMOS)
CE = OE = VILC,
f = 1/tRC min, All I/O’s Open
25
mA
ISB
VCC Current (Standby, TTL)
CE = VIH, All I/O’s Open
1
mA
ISBC (Note 7)
VCC Current (Standby, CMOS)
CE = VIHC, All I/O’s Open
100
mA
ILI
Input Leakage Current
VIN = GND to VCC
−10
10
mA
ILO
Output Leakage Current
VOUT = GND to VCC,
CE = VIH
−10
10
mA
VIH (Note 7)
High Level Input Voltage
2
VCC + 0.3
V
VIL (Note 6)
Low Level Input Voltage
−0.3
0.8
V
VOH
High Level Output Voltage
IOH = −400 mA
2.4
V
VOL
Low Level Output Voltage
IOL = 2.1 mA
0.4
V
VWI
Write Inhibit Voltage
3.0
V
6. VILC = −0.3 V to +0.3 V
7. VIHC = VCC −0.3 V to VCC + 0.3 V
Table 6. A.C. CHARACTERISTICS, READ CYCLE (VCC = 5 V ±10%, unless otherwise specified.)
Symbol
Parameter
28C17A−20
Units
Min
Max
tRC
Read Cycle Time
200
ns
tCE
CE Access Time
200
ns
tAA
Address Access Time
200
ns
tOE
OE Access Time
80
ns
tLZ (Note 8)
CE Low to Active Output
0
ns
tOLZ (Note 8)
OE Low to Active Output
0
ns
tHZ (Notes 8, 9)
CE High to High−Z Output
55
ns
tOHZ (Notes 8, 9)
OE High to High−Z Output
55
ns
tOH (Note 8)
Output Hold from Address Change
0
ns
8. This parameter is tested initially and after a design or process change that affects the parameter.
9. Output floating (High−Z) is defined as the state when the external data line is no longer driven by the output buffer.


Número de pieza similar - CAT28C17AWI-20T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT28C17A CATALYST-CAT28C17A Datasheet
59Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28C17A CATALYST-CAT28C17A Datasheet
512Kb / 10P
   16K-Bit CMOS PARALLEL EEPROM
CAT28C17AJ-20T CATALYST-CAT28C17AJ-20T Datasheet
59Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28C17AJA-20T CATALYST-CAT28C17AJA-20T Datasheet
59Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
CAT28C17AJI-20T CATALYST-CAT28C17AJI-20T Datasheet
59Kb / 8P
   16K-Bit CMOS PARALLEL E2PROM
More results

Descripción similar - CAT28C17AWI-20T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT28C16AXI90 ONSEMI-CAT28C16AXI90 Datasheet
118Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16ALI12 ONSEMI-CAT28C16ALI12 Datasheet
143Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16AL20 ONSEMI-CAT28C16AL20 Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C16A ONSEMI-CAT28C16A Datasheet
137Kb / 10P
   16 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 6
CAT28C257 ONSEMI-CAT28C257 Datasheet
143Kb / 13P
   256 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 6
CAT28LV65 ONSEMI-CAT28LV65 Datasheet
159Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28LV64T13I-15 ONSEMI-CAT28LV64T13I-15 Datasheet
144Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT28LV64 ONSEMI-CAT28LV64 Datasheet
157Kb / 15P
   64 kb CMOS Parallel EEPROM
October, 2009 ??Rev. 7
CAT24C164WI-G ONSEMI-CAT24C164WI-G Datasheet
147Kb / 14P
   16 kb CMOS Serial EEPROM, Cascadable
October, 2009 ??Rev. 2
LE2416RDXA ONSEMI-LE2416RDXA Datasheet
343Kb / 17P
   16 kb I2C CMOS Serial EEPROM
August 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com