Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT24WC66XI-1.8-GT3C Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza CAT24WC66XI-1.8-GT3C
Descripción Electrónicos  64-Kb I2C Serial EEPROM with Partial Array Write Protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24WC66XI-1.8-GT3C Datasheet(HTML) 3 Page - ON Semiconductor

  CAT24WC66XI-1.8-GT3C Datasheet HTML 1Page - ON Semiconductor CAT24WC66XI-1.8-GT3C Datasheet HTML 2Page - ON Semiconductor CAT24WC66XI-1.8-GT3C Datasheet HTML 3Page - ON Semiconductor CAT24WC66XI-1.8-GT3C Datasheet HTML 4Page - ON Semiconductor CAT24WC66XI-1.8-GT3C Datasheet HTML 5Page - ON Semiconductor CAT24WC66XI-1.8-GT3C Datasheet HTML 6Page - ON Semiconductor CAT24WC66XI-1.8-GT3C Datasheet HTML 7Page - ON Semiconductor CAT24WC66XI-1.8-GT3C Datasheet HTML 8Page - ON Semiconductor CAT24WC66XI-1.8-GT3C Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
CAT24WC66
http://onsemi.com
3
Table 5.
A.C. CHARACTERISTICS (VCC = 1.8 V to 5.5 V, unless otherwise specified. Output Load is 1TTL Gate and 100 pF.)
Symbol
Parameter
1.8 V − 2.5 V
4.5 V − 5.5 V
Units
Min
Max
Min
Max
MEMORY READ & WRITE CYCLE LIMITS
FSCL
Clock Frequency
100
400
kHz
TI
(Note 6)
Noise Suppression Time Constant at
SCL, SDA Inputs
200
200
ns
tAA
SCL Low to SDA Data Out and ACK Out
3.5
1
ms
tBUF
(Note 6)
Time the Bus Must be Free Before a
New Transmission Can Start
4.7
1.2
ms
tHD:STA
Start Condition Hold Time
4
0.6
ms
tLOW
Clock Low Period
4.7
1.2
ms
tHIGH
Clock High Period
4
0.6
ms
tSU:STA
Start Condition Setup Time
(for a Repeated Start Condition)
4.7
0.6
ms
tHD:DAT
Data In Hold Time
0
0
ns
tSU:DAT
Data In Setup Time
50
50
ns
tR
(Note 6)
SDA and SCL Rise Time
1
0.3
ms
tF
(Note 6)
SDA and SCL Fall Time
300
300
ns
tSU:STO
Stop Condition Setup Time
4
0.6
ms
tDH
Data Out Hold Time
100
100
ns
6. This parameter is tested initially and after a design or process change that affects the parameter.
Table 6. POWER−UP TIMING (Notes 6, 7)
Symbol
Parameter
Min
Typ
Max
Units
tPUR
Power−Up to Read Operation
1
ms
tPUW
Power−Up to Write Operation
1
ms
7. tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated.
Table 7. WRITE CYCLE LIMITS
Symbol
Parameter
Min
Typ
Max
Units
tWR
Write Cycle Time
10
ms
The write cycle time is the time from a valid stop condition of a write sequence to the end of the internal program/erase cycle.
During the write cycle, the bus interface circuits are disabled, SDA is allowed to remain high, and the device does not respond
to its slave address.


Número de pieza similar - CAT24WC66XI-1.8-GT3C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT24WC66XI-1.8TE13 CATALYST-CAT24WC66XI-1.8TE13 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
More results

Descripción similar - CAT24WC66XI-1.8-GT3C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT24C03 CATALYST-CAT24C03 Datasheet
401Kb / 20P
   2-Kb I2C CMOS Serial EEPROM with Partial Array Write Protection
CAT24C03 CATALYST-CAT24C03_06 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAT24C03 ONSEMI-CAT24C03 Datasheet
165Kb / 14P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 3
logo
Catalyst Semiconductor
CAT24C05 CATALYST-CAT24C05 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
CAT24WC66 CATALYST-CAT24WC66_06 Datasheet
155Kb / 13P
   64K-bit I2C Serial EEPROM with Partial Array Write Protection
CAT24FC65 CATALYST-CAT24FC65 Datasheet
446Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAT24S64 ONSEMI-CAT24S64 Datasheet
124Kb / 12P
   EEPROM Serial 64-Kb I2C with Software Write Protect
September, 2018 ??Rev. 2
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03_05 Datasheet
362Kb / 14P
   2K/4K-Bit Serial EEPROM with Partial Array Write Protection
logo
ON Semiconductor
N24C64 ONSEMI-N24C64_18 Datasheet
213Kb / 14P
   EEPROM Serial 64-Kb I2C
May, 2018 ??Rev. 2
CAV24C64 ONSEMI-CAV24C64_18 Datasheet
339Kb / 17P
   EEPROM Serial 64-Kb I2C
April, 2018 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com