Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
6N135 Datasheet(PDF) 2 Page - QT Optoelectronics |
|
6N135 Datasheet(HTML) 2 Page - QT Optoelectronics |
2 / 9 page ELECTRICAL CHARACTERISTICS (T A = 0 to 70°C Unless otherwise specified) 200004A Parameter Test Conditions Symbol Device Min Typ** Max Unit EMITTER (IF = 16 mA, TA =25°C) VF 1.45 1.7 V Input Forward Voltage (IF = 16 mA) 1.8 Input Reverse Breakdown Voltage (IR = 10 µA) BVR 5.0 V Temperature coefficient of forward voltage (IF = 16 mA) (#VF/#TA) -1.6 mV/°C DETECTOR (IF = 0 mA, VO = VCC = 5.5 V) All 0.001 0.5 (TA =25°C) Logic high output current IOH 6N135 µA (IF = 0 mA, VO = VCC = 15 V) 6N136 0.005 1 (TA =25°C) HCPL-4502 HCPL-2503 (IF = 0 mA, VO = VCC = 15 V) All 50 6N135 (IF = 16 mA, VO = Open) 6N136 120 200 Logic low supply current (VCC = 15 V) ICCL HCPL-4502 µA HCPL-2503 (IF1 = IF2 = 16 mA, VO = Open) HCPL-2530 200 400 (VCC = 15 V) HCPL-2531 6N135 (IF = 0 mA, VO = Open, VCC = 15 V) 6N136 1 (TA =25°C) HCPL-4502 HCPL-2503 ICCH 6N135 Logic high supply current (IF = 0 mA, VO = Open) 6N136 2 µA (VCC = 15 V) HCPL-4502 HCPL-2503 (IF = 0 mA, VO = Open) HCPL-2530 0.02 4 (VCC = 15 V) HCPL-2531 INDIVIDUAL COMPONENT CHARACTERISTICS HIGH SPEED TRANSISTOR OPTOCOUPLERS SINGLE-CHANNEL DUAL-CHANNEL 6N135, 6N136 HCPL-2530 HCPL-2503 HCPL-2531 HCPL-4502 ** All typicals at TA = 25°C |
Número de pieza similar - 6N135 |
|
Descripción similar - 6N135 |