Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
6N136 Datasheet(PDF) 1 Page - QT Optoelectronics |
|
6N136 Datasheet(HTML) 1 Page - QT Optoelectronics |
1 / 9 page FEATURES • High speed-1 MBit/s • Superior CMR-10 kV/µs • Dual-Channel HCPL-2530/HCPL-2531 • Double working voltage-480V RMS • CTR guaranteed 0-70°C • U.L. recognized (File # E90700) HIGH SPEED TRANSISTOR OPTOCOUPLERS DESCRIPTION The HCPL-4502/HCPL-2503, 6N135/6 and HCPL-2530/HCPL-2531 optocouplers consist of an AlGaAs LED optically coupled to a high speed photodetector transistor. A separate connection for the bias of the photodiode improves the speed by several orders of magnitude over conventional phototransistor optocouplers by reducing the base-collector capacitance of the input transistor. An internal noise shield provides superior common mode rejection of 10kV/µs. An improved package allows superior insulation permitting a 480 V working voltage compared to industry standard 0f 220 V. APPLICATIONS • Line receivers • Pulse transformer replacement • Output interface to CMOS-LSTTL-TTL • Wide bandwidth analog coupling Parameter Symbol Value Units Storage Temperature TSTG -55 to +125 °C Operating Temperature TOPR -55 to +100 °C Lead Solder Temperature TSOL 260 for 10 sec °C EMITTER DC/Average Forward Input Current Each Channel (Note 1) IF (avg) 25 mA Peak Forward Input Current (50% duty cycle, 1 ms P.W.) IF (pk) 50 mA Each Channel (Note 2) Peak Transient Input Current - ( !"1 µs P.W., 300 pps) IF (trans) 1.0 A Each Channel Reverse Input Voltage Each Channel VR 5V Input Power Dissipation (6N135/6N136 and HCPL-2503/4502) PD 100 mW (HCPL-2530/2531 ) Each Channel (Note 3) 45 DETECTOR Average Output Current Each Channel IO (avg) 8 mA Peak Output Current Each Channel IO (pk) 16 mA Emitter-Base Reverse Voltage (6N135, 6N136 and HCPL-2503 only) VEBR 5V Supply Voltage VCC -0.5 to 30 V Output Voltage VO -0.5 to 20 V Base Current (6N135, 6N136 and HCPL-2503 only) IB 5mA Output power (6N135, 6N136, HCPL-2503, HCPL-4502) (Note 4) PD 100 mW dissipation (HCPL-2530, HCPL-2531) Each Channel 35 mW ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified) 1 2 3 4 5 6 7 8 + _ V F1 V CC V 01 V 02 GND V F2 _ + HCPL-2530/HCPL-2531 1 2 3 4 5 6 7 8 + _ V F V CC V B V O GND N/C N/C 6N135, 6N136, HCPL-2503, HCPL-4502 Pin 7 is not connected in Part Number HCPL-4502 8 1 8 1 8 1 SINGLE-CHANNEL DUAL-CHANNEL 6N135, 6N136 HCPL-2530 HCPL-2503 HCPL-2531 HCPL-4502 200004A |
Número de pieza similar - 6N136 |
|
Descripción similar - 6N136 |