Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-2601 Datasheet(PDF) 5 Page - QT Optoelectronics

No. de pieza HCPL-2601
Descripción Electrónicos  HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  QT [QT Optoelectronics]
Página de inicio  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

HCPL-2601 Datasheet(HTML) 5 Page - QT Optoelectronics

  HCPL-2601 Datasheet HTML 1Page - QT Optoelectronics HCPL-2601 Datasheet HTML 2Page - QT Optoelectronics HCPL-2601 Datasheet HTML 3Page - QT Optoelectronics HCPL-2601 Datasheet HTML 4Page - QT Optoelectronics HCPL-2601 Datasheet HTML 5Page - QT Optoelectronics HCPL-2601 Datasheet HTML 6Page - QT Optoelectronics HCPL-2601 Datasheet HTML 7Page - QT Optoelectronics HCPL-2601 Datasheet HTML 8Page - QT Optoelectronics HCPL-2601 Datasheet HTML 9Page - QT Optoelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Fig.1 Low Level Output Voltage vs. Ambient Temperature
TA - Ambient Temperature (˚C)
TA - Ambient Temperature (˚C)
TA - Ambient Temperature (˚C)
-40
-20
0
20
40
60
80
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
IOL = 16 mA
IF - Forward Current (mA)
Fig. 4 Low Level Output Current
vs. Ambient Temperature
-40
-20
0
20
40
60
80
20
25
30
35
40
45
50
IF = 5 mA
IF = 10 mA
IF = 15 mA
Fig. 5 Input Threshold Current
vs. Ambient Temperature
-40
-20
0
20
40
60
80
1
2
3
4
RL = 350 !
RL = 1k !
RL = 4k !
Fig. 6 Output Voltage vs. Input Forward Current
012
345
6
0
1
2
3
4
5
6
RL = 350 !
RL = 1k !
RL =4k !
IOL = 6.4 mA
IOL = 9.6 mA
IOL = 12.8 mA
Conditions:
IF = 5 mA
VE = 2 V
VCC = 5.5V
Conditions:
VCC = 5.0 V
VO = 0.6 V
Fig. 2 Input Diode Forward Voltage
vs. Forward Current
VF - Forward Voltage (V)
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
0.001
0.01
0.1
1
10
16
30
Conditions:
VCC = 5 V
VE = 2 V
VOL = 0.6 V
Fig.3 Switching Time vs. Forward Current
IF - Forward Current (mA)
5
7
9
11
13
15
0
20
40
60
80
100
120
V
CC
= 5 V
RL = 1 k
(TPLH)
RL = 4 k! (TPLH)
RL = 350 ! (TPLH)
RL = 1 k!
RL = 4 k!
RL = 350 k!
(TPHL)
!$$
SINGLE-CHANNEL
DUAL-CHANNEL
6N137
HCPL-2630
HCPL-2601
HCPL-2631
HCPL-2611
HIGH SPEED-10 MBit/s
LOGIC GATE OPTOCOUPLERS
8/10/99
200002A


Número de pieza similar - HCPL-2601

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Agilent(Hewlett-Packard...
HCPL-2601 HP-HCPL-2601 Datasheet
256Kb / 20P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
HCPL-2601 BOARDCOM-HCPL-2601 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2601 HP-HCPL-2601 Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
HCPL-2601 HP-HCPL-2601 Datasheet
252Kb / 16P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-2601 HP-HCPL-2601 Datasheet
261Kb / 10P
   Small Outline, 5 Lead, High CMR, High Speed, Logic Gate Optocouplers
More results

Descripción similar - HCPL-2601

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
HCPL-2601 FAIRCHILD-HCPL-2601 Datasheet
489Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
6N137 FAIRCHILD-6N137_06 Datasheet
598Kb / 12P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0601R2 FAIRCHILD-HCPL0601R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
logo
ON Semiconductor
HCPL0600 ONSEMI-HCPL0600 Datasheet
436Kb / 16P
   High Speed-10 MBit/s Logic Gate Optocouplers
October, 2019 ??Rev. 2
logo
Fairchild Semiconductor
HCPL0637R2 FAIRCHILD-HCPL0637R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
6N137 FAIRCHILD-6N137 Datasheet
584Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL-0600 FAIRCHILD-HCPL-0600_04 Datasheet
224Kb / 13P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0661 FAIRCHILD-HCPL0661 Datasheet
288Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0611R2 FAIRCHILD-HCPL0611R2 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com