Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HCPL-2531 Datasheet(PDF) 9 Page - QT Optoelectronics

No. de pieza HCPL-2531
Descripción Electrónicos  HIGH SPEED TRANSISTOR OPTOCOUPLERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  QT [QT Optoelectronics]
Página de inicio  http://www.fairchildsemi.com/
Logo QT - QT Optoelectronics

HCPL-2531 Datasheet(HTML) 9 Page - QT Optoelectronics

  HCPL-2531 Datasheet HTML 1Page - QT Optoelectronics HCPL-2531 Datasheet HTML 2Page - QT Optoelectronics HCPL-2531 Datasheet HTML 3Page - QT Optoelectronics HCPL-2531 Datasheet HTML 4Page - QT Optoelectronics HCPL-2531 Datasheet HTML 5Page - QT Optoelectronics HCPL-2531 Datasheet HTML 6Page - QT Optoelectronics HCPL-2531 Datasheet HTML 7Page - QT Optoelectronics HCPL-2531 Datasheet HTML 8Page - QT Optoelectronics HCPL-2531 Datasheet HTML 9Page - QT Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Corporate Headquarters
North American Sales
European Sales
QT Optoelectronics
QT Optoelectronics
Quality Technologies Deutschland GmbH
610 North Mary Avenue
16775 Addison Rd.,Suite 200
Max-Huber-Strasse 8
Sunnyvale, CA 94086
Addison, TX 75001
D-85737 Ismaning, Germany
(408) 720-1440 Phone
(972) 447-1300 Phone
49 [0] 89/96.30.51 Phone
(408) 720-0848 Fax
(972) 447-0784 Fax
49 [0] 89/96.54.74 Fax
European Sales
Asia/Pacific Sales
European Sales
QT Optoelectronics
QT Optoelectronics
Quality Technologies (U.K) Ltd.
“Le Levant”
B613, 6th Floor
10, Prebendal Court, Oxford Road
2, rue du Nouveau Bercy
East Wing, Wisma Tractors
Aylesbury, Buckinghamshire
F-94277-CHARENTON-LE PONT Cedex
Jalan SS16/1, Subang Jaya
HP19-3EY United Kingdom
FRANCE
47500 Petaling Jaya
44 [0] 1296/30.44.99 Phone
33 [0] 1.45.18.78.78 Phone
Selangor Darul Eshan, Malaysia
44 [0] 1296/39.24.32 Fax
33 [0] 1.43.75.77.57 Fax
603/735-2417 Phone
603/736-3382 Fax
Call QT Optoelectronics for more information or the phone number of your nearest distributor.
United States 800-533-6786 • France 33 [0] 1.45.18.78.78 • Germany 49 [0] 89/96.30.51 • United Kingdom 44 [0] 1296 394499 • Asia/Pacific 603-7352417
www.qtopto.com
R2
.R2
Opto Plus Reliability Conditioning
S
.S
Surface Mount Lead Bend
SD
.SD
Surface Mount; Tape and reel
SDL
.SDL
Surface Mount; Tape and reel
W
.W
0.4” Lead Spacing
Order
Entry
Option
Identifier
Description
4.0 ± 0.1
Ø1.55 ± 0.05
User Direction of Feed
4.0 ± 0.1
1.75 ± 0.10
7.5 ± 0.1
16.0 ± 0.3
12.0 ± 0.1
0.30 ± 0.05
13.2 ± 0.2
4.90 ± 0.20
0.1 MAX
10.30 ± 0.20
10.30 ± 0.20
Ø1.6 ± 0.1
QT Carrier Tape Specifications (“D” Taping Orientation)
ORDERING INFORMATION
HIGH SPEED
TRANSISTOR OPTOCOUPLERS
200004A
SINGLE-CHANNEL
DUAL-CHANNEL
6N135, 6N136
HCPL-2530
HCPL-2503
HCPL-2531
HCPL-4502


Número de pieza similar - HCPL-2531

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
HCPL-2531 FAIRCHILD-HCPL-2531 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-2531 HP-HCPL-2531 Datasheet
207Kb / 12P
   Dual Channel, High Speed Optocouplers
logo
Fairchild Semiconductor
HCPL-2531 FAIRCHILD-HCPL-2531 Datasheet
577Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL-2531 FAIRCHILD-HCPL-2531 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL-2531 FAIRCHILD-HCPL-2531 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
More results

Descripción similar - HCPL-2531

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
HCPL0501R2V FAIRCHILD-HCPL0501R2V Datasheet
551Kb / 9P
   High Speed Transistor Optocouplers
HCPL2503 FAIRCHILD-HCPL2503 Datasheet
200Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL0452 FAIRCHILD-HCPL0452 Datasheet
545Kb / 9P
   High Speed Transistor Optocouplers
HCPL4503M FAIRCHILD-HCPL4503M Datasheet
574Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N135 FAIRCHILD-6N135 Datasheet
606Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com