Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT28LV256LE30 Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza CAT28LV256LE30
Descripción Electrónicos  256K-Bit CMOS PARALLEL EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28LV256LE30 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT28LV256LE30 Datasheet HTML 1Page - ON Semiconductor CAT28LV256LE30 Datasheet HTML 2Page - ON Semiconductor CAT28LV256LE30 Datasheet HTML 3Page - ON Semiconductor CAT28LV256LE30 Datasheet HTML 4Page - ON Semiconductor CAT28LV256LE30 Datasheet HTML 5Page - ON Semiconductor CAT28LV256LE30 Datasheet HTML 6Page - ON Semiconductor CAT28LV256LE30 Datasheet HTML 7Page - ON Semiconductor CAT28LV256LE30 Datasheet HTML 8Page - ON Semiconductor CAT28LV256LE30 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CAT28LV256
4
Doc. No. MD-1071, Rev. E
© 2009 SCILLC. All rights reserved.
Characteristics subject to change without notice
D.C. OPERATING CHARACTERISTICS
VCC = 3.0V to 3.6V, unless otherwise specified
Limits
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
ICC
VCC Current (Operating, TTL)
15
mA
CE = OE = VIL,
f = 1/tRC min, All I/O’s Open
ISBC(2)
VCC Current (Standby, CMOS)
150
µA
CE = VIHC,
All I/O’s Open
ILI
Input Leakage Current
–1
1
µAVIN = GND to VCC
ILO
Output Leakage Current
–5
5
µAVOUT = GND to VCC,
CE = VIH
VIH(2)
High Level Input Voltage
2
VCC +0.3
V
VIL
Low Level Input Voltage
–0.3
0.6
V
VOH
High Level Output Voltage
2
V
IOH = –100
µA
VOL
Low Level Output Voltage
0.3
V
IOL = 1.0mA
VWI
Write Inhibit Voltage
2
V
A.C. CHARACTERISTICS, Read Cycle
VCC = 3.0V to 3.6V, unless otherwise specified
28LV256-20
28LV256-25
28LV256-30
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max. Units
tRC
Read Cycle Time
200
250
300
ns
tCE
CE Access Time
200
250
300
ns
tAA
Address Access Time
200
250
300
ns
tOE
OE Access Time
80
100
110
ns
tLZ(1)
CE Low to Active Output
0
0
0
ns
tOLZ(1)
OE Low to Active Output
0
0
0
ns
tHZ(1)(3)
CE High to High-Z Output
50
55
60
ns
tOHZ(1)(3)
OE High to High-Z Output
50
55
60
ns
tOH(1)
Output Hold from Address Change
0
0
0
ns
Note:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) VIHC = VCC –0.3V to VCC +0.3V.
(3) Output floating (High-Z) is defined as the state when the external data line is no longer driven by the output buffer.


Número de pieza similar - CAT28LV256LE30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT28LV256LE-20T CATALYST-CAT28LV256LE-20T Datasheet
68Kb / 12P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256LE-25T CATALYST-CAT28LV256LE-25T Datasheet
68Kb / 12P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256LE-30T CATALYST-CAT28LV256LE-30T Datasheet
68Kb / 12P
   256K-Bit CMOS PARALLEL E2PROM
More results

Descripción similar - CAT28LV256LE30

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT28C257 CATALYST-CAT28C257_04 Datasheet
527Kb / 12P
   256K-Bit CMOS PARALLEL EEPROM
CAT28C256 CATALYST-CAT28C256_04 Datasheet
530Kb / 12P
   256K-Bit Parallel EEPROM
CAT28C257 CATALYST-CAT28C257 Datasheet
75Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28HT256 CATALYST-CAT28HT256 Datasheet
218Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256 Datasheet
53Kb / 10P
   256K-Bit CMOS PARALLEL E2PROM
CAT28LV256 CATALYST-CAT28LV256_04 Datasheet
68Kb / 12P
   256K-Bit CMOS PARALLEL E2PROM
CAT24FC256 CATALYST-CAT24FC256_05 Datasheet
641Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24FC256 CATALYST-CAT24FC256 Datasheet
421Kb / 12P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC256 CATALYST-CAT24WC256 Datasheet
406Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
CAT24WC257 CATALYST-CAT24WC257 Datasheet
417Kb / 10P
   256K-Bit I2C Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com