Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT28F001HI-12TT Datasheet(PDF) 8 Page - ON Semiconductor

No. de pieza CAT28F001HI-12TT
Descripción Electrónicos  1 Megabit CMOS Boot Block Flash Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28F001HI-12TT Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CAT28F001HI-12TT Datasheet HTML 4Page - ON Semiconductor CAT28F001HI-12TT Datasheet HTML 5Page - ON Semiconductor CAT28F001HI-12TT Datasheet HTML 6Page - ON Semiconductor CAT28F001HI-12TT Datasheet HTML 7Page - ON Semiconductor CAT28F001HI-12TT Datasheet HTML 8Page - ON Semiconductor CAT28F001HI-12TT Datasheet HTML 9Page - ON Semiconductor CAT28F001HI-12TT Datasheet HTML 10Page - ON Semiconductor CAT28F001HI-12TT Datasheet HTML 11Page - ON Semiconductor CAT28F001HI-12TT Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
CAT28F001
8
Doc. No. MD-1078, Rev. K
© 2008 SCILLC. All rights reserved.
Characteristics subject to change without notice
READ OPERATIONS
Read Mode
The CAT28F001 memory can be read from any of its
Blocks (Boot Block, Main Block or Parameter Block),
Status Register and Signature Information by sending
the Read Command Mode to the Command Register.
CAT28F001 automatically resets to Read Array mode
upon initial device power up or after exit from deep
power down. A Read operation is performed with both
CE and OE low and with RP and OE high. Vpp can be
either high or low. The data retrieved from the I/O pins
reflects the contents of the memory location correspond-
ing to the state of the 17 address pins. The respective
timing waveforms for the read operation are shown in
Figure 3.
Refer to the AC Read characteristics for
specific timing parameters.
Signature Mode
The signature mode allows the user to identify the IC
manufacturer and the type of the device while the device
resides in the target system. This mode can be activated
in either of two ways; through the conventional method
of applying a high voltage (12V) to address pin A9 or by
sending an instruction to the command register (see
Write Operations).
The conventional method is entered as a regular read
mode by driving the
CE and OE low (with WE high), and
applying the required high voltage on address pin A9
while the other address line are held at VIL.
A Read cycle from address 0000H retrieves the binary
code for the IC manufacturer on outputs I/O7 to I/O0:
Catalyst Code = 0011 0001 (31H)
A Read cycle from address 0001H retrieves the binary
code for the device on outputs I/O7 to I/O0:
CAT28F001T = 1001 0100 (94H)
CAT28F001B = 1001 0101 (95H)
Standby Mode
With
CE at a logic-high level, the CAT28F001 is placed
in a standby mode where most of the device circuitry is
disabled, thereby substantially reducing power con-
sumption. The outputs are placed in a high-impendance
state independent of the
OE status.
Deep Power-Down
When
RP is at logic-low level, the CAT28F001 is placed
in a Deep Power-Down mode where all the device
circuitry are disabled, thereby reducing the power con-
sumption to 0.25
µW.
Figure 3. A.C. Timing for Read Operation
ADDRESSES
CE (E)
OE (G)
WE (W)
DATA (I/O)
HIGH-Z
POWER UP
STANDBY
DEVICE AND
ADDRESS SELECTION
OUPUTS
ENABLED
DATA VALID
STANDBY
ADDRESS STABLE
OUTPUT VALID
tAVQV (tACC)
tELQX (tLZ)
tGLQX (tOLZ)
tGLQV (tOE)
tELQV (tCE)
tOH
tGHQZ (tDF)
tEHQZ
tAVAV (tRC)
POWER DOWN
HIGH-Z
tPHQV (tPWH)
RP (P)


Número de pieza similar - CAT28F001HI-12TT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT28F001HI-12TT CATALYST-CAT28F001HI-12TT Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
More results

Descripción similar - CAT28F001HI-12TT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT28F001G-12TE13 ONSEMI-CAT28F001G-12TE13 Datasheet
103Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
Doc. No. MD-1078, Rev. K
logo
Catalyst Semiconductor
CAT28F001 CATALYST-CAT28F001 Datasheet
108Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F001 CATALYST-CAT28F001_05 Datasheet
455Kb / 18P
   1 Megabit CMOS Boot Block Flash Memory
CAT28F002 CATALYST-CAT28F002 Datasheet
140Kb / 16P
   2 Megabit CMOS Boot Block Flash Memory
logo
ON Semiconductor
CAT28F010 ONSEMI-CAT28F010 Datasheet
385Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
logo
Catalyst Semiconductor
CAT28F102 CATALYST-CAT28F102 Datasheet
159Kb / 14P
   1 Megabit CMOS Flash Memory
CAT28F010 CATALYST-CAT28F010 Datasheet
100Kb / 14P
   1 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F010GI12 ONSEMI-CAT28F010GI12 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010L90 ONSEMI-CAT28F010L90 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
CAT28F010P-15 ONSEMI-CAT28F010P-15 Datasheet
113Kb / 16P
   1 Megabit CMOS Flash Memory
Doc. No. MD-1019, Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com