Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST72F324K4T3 Datasheet(PDF) 7 Page - STMicroelectronics |
|
ST72F324K4T3 Datasheet(HTML) 7 Page - STMicroelectronics |
7 / 164 page ST72324Jx ST72324Kx 7/164 1 INTRODUCTION The ST72324 devices are members of the ST7 mi- crocontroller family designed for the 5V operating range. – The 32-pin devices are designed for mid-range applications – The 42/44-pin devices target the same range of applications requiring more than 24 I/O ports. For a description of the differences between ST72324 and ST72324B devices refer to Section 14.2 on page 152 All devices are based on a common industry- standard 8-bit core, featuring an enhanced instruc- tion set and are available with FLASH program memory. Under software control, all devices can be placed in WAIT, SLOW, ACTIVE-HALT or HALT mode, reducing power consumption when the application is in idle or stand-by state. The enhanced instruction set and addressing modes of the ST7 offer both power and flexibility to software developers, enabling the design of highly efficient and compact application code. In addition to standard 8-bit data management, all ST7 micro- controllers feature true bit manipulation, 8x8 un- signed multiplication and indirect addressing modes. Figure 1. Device Block Diagram 8-BIT CORE ALU OSC1 VPP CONTROL PROGRAM (8K - 32K Bytes) VDD RESET PORT F PF7:6,4,2:0 TIMER A BEEP PORT A RAM (384 - 1024 Bytes) PORT C 10-BIT ADC VAREF VSSA PORT B PB4:0 PORT E PE1:0 (2 bits) SCI TIMER B PA7:3 (5 bits on J devices) PORT D PD5:0 SPI PC7:0 (8 bits) VSS WATCHDOG OSC LVD OSC2 MEMORY MCC/RTC/BEEP (4 bits on K devices) (5 bits on J devices) (3 bits on K devices) (6 bits on J devices) (2 bits on K devices) (6 bits on J devices) (5 bits on K devices) 3 |
Número de pieza similar - ST72F324K4T3 |
|
Descripción similar - ST72F324K4T3 |