Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT25128YI-GT3 Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza CAT25128YI-GT3
Descripción Electrónicos  128-Kb SPI Serial CMOS EEPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT25128YI-GT3 Datasheet(HTML) 4 Page - ON Semiconductor

  CAT25128YI-GT3 Datasheet HTML 1Page - ON Semiconductor CAT25128YI-GT3 Datasheet HTML 2Page - ON Semiconductor CAT25128YI-GT3 Datasheet HTML 3Page - ON Semiconductor CAT25128YI-GT3 Datasheet HTML 4Page - ON Semiconductor CAT25128YI-GT3 Datasheet HTML 5Page - ON Semiconductor CAT25128YI-GT3 Datasheet HTML 6Page - ON Semiconductor CAT25128YI-GT3 Datasheet HTML 7Page - ON Semiconductor CAT25128YI-GT3 Datasheet HTML 8Page - ON Semiconductor CAT25128YI-GT3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
CAT25128
http://onsemi.com
4
Pin Description
SI: The serial data input pin accepts op−codes, addresses
and data. In SPI modes (0,0) and (1,1) input data is latched
on the rising edge of the SCK clock input.
SO: The serial data output pin is used to transfer data out of
the device. In SPI modes (0,0) and (1,1) data is shifted out
on the falling edge of the SCK clock.
SCK: The serial clock input pin accepts the clock provided
by the host and used for synchronizing communication
between host and CAT25128.
CS: The chip select input pin is used to enable/disable the
CAT25128. When CS is high, the SO output is tri−stated (high
impedance) and the device is in Standby Mode (unless an
internal write operation is in progress). Every communication
session between host and CAT25128 must be preceded by a
high to low transition and concluded with a low to high
transition of the CS input.
WP: The write protect input pin will allow all write
operations to the device when held high. When WP pin is
tied low and the WPEN bit in the Status Register (refer to
Status Register description, later in this Data Sheet) is set to
“1”, writing to the Status Register is disabled.
HOLD: The HOLD input pin is used to pause transmission
between host and CAT25128, without having to retransmit
the entire sequence at a later time. To pause, HOLD must be
taken low and to resume it must be taken back high, with the
SCK input low during both transitions. When not used for
pausing, it is recommended the HOLD input to be tied to
VCC, either directly or through a resistor.
Functional Description
The CAT25128 device supports the Serial Peripheral
Interface (SPI) bus protocol, modes (0,0) and (1,1). The
device contains an 8−bit instruction register. The instruction
set and associated op−codes are listed in Table 7.
Reading data stored in the CAT25128 is accomplished by
simply providing the READ command and an address.
Writing to the CAT25128, in addition to a WRITE
command, address and data, also requires enabling the
device for writing by first setting certain bits in a Status
Register, as will be explained later.
After a high to low transition on the CS input pin, the
CAT25128 will accept any one of the six instruction
op−codes listed in Table 7 and will ignore all other possible
8−bit combinations. The communication protocol follows
the timing from Figure 2.
Table 7. INSTRUCTION SET
Instruction
Opcode
Operation
WREN
0000 0110
Enable Write Operations
WRDI
0000 0100
Disable Write Operations
RDSR
0000 0101
Read Status Register
WRSR
0000 0001
Write Status Register
READ
0000 0011
Read Data from Memory
WRITE
0000 0010
Write Data to Memory
Figure 2. Synchronous Data Timing
CS
SCK
SI
SO
tCNH
tCSS
tWH
tWL
tSU
tH
HI−Z
VALID
IN
VALID
OUT
tCSH
tRI
tFI
tV
tV
tHO
tCNS
tCS
HI−Z
tDIS


Número de pieza similar - CAT25128YI-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT25128YI-GT3 ONSEMI-CAT25128YI-GT3 Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128YI-GT3 ONSEMI-CAT25128YI-GT3 Datasheet
220Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
February, 2014 ??Rev. 8
CAT25128YI-GT3 ONSEMI-CAT25128YI-GT3 Datasheet
388Kb / 22P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 9
More results

Descripción similar - CAT25128YI-GT3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT25128LI-G ONSEMI-CAT25128LI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128VI-G ONSEMI-CAT25128VI-G Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128 ONSEMI-CAT25128_12 Datasheet
216Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25128 ONSEMI-CAT25128_14 Datasheet
220Kb / 20P
   128-Kb SPI Serial CMOS EEPROM
February, 2014 ??Rev. 8
CAT25128 ONSEMI-CAT25128_18 Datasheet
388Kb / 22P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 9
NV25128WF ONSEMI-NV25128WF Datasheet
211Kb / 13P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 1
CAV25128 ONSEMI-CAV25128_18 Datasheet
279Kb / 15P
   EEPROM Serial 128-Kb SPI
June, 2018 ??Rev. 1
CAT24C128 ONSEMI-CAT24C128 Datasheet
166Kb / 14P
   128 kb I2C CMOS Serial EEPROM
September, 2009 ??Rev. 11
logo
Catalyst Semiconductor
CAT24C128 CATALYST-CAT24C128 Datasheet
520Kb / 17P
   128-Kb I2C CMOS Serial EEPROM
CAT24C128 CATALYST-CAT24C128_07 Datasheet
433Kb / 18P
   128-Kb I2C CMOS Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com