Nombre de pieza
         Descripción
CM1436-04DE

 4-Channel EMI Filter Arrays with ESD Protection ( 10 Page)


ONSEMI
100% 
Zoom Out Zoom In
 
 4 page
background image
CM1436-04DE
Rev. 2 | Page 4 of 10 | www.onsemi.com
ELECTRICAL OPERATING CHARACTERISTICS
(SEE NOTE 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
R
Resistance
160
200
240
Ω
C
TOTAL
Total Channel Capacitance
At 2.5V DC, 1MHz, 30mV AC
24
30
36
pF
C
Capacitance C
At 2.5V DC, 1MHz, 30mV AC
12
15
18
pF
I
LEAK
Diode Leakage Current (reverse
bias)
V
DIODE =
+3.3V
0.1
1.0
μA
V
SIG
Signal Voltage
Positive Clamp
Negative Clamp
I
LOAD = 10mA
I
LOAD = –10mA
5.6
–0.4
6.8
–0.8
V
V
V
ESD
In-system ESD Withstand Voltage
a) Human Body Model, MIL-STD-
883, Method 3015
b) Contact Discharge per IEC
61000-4-2 Level 4
Note 2
±30
±15
kV
kV
Note 1: T
A=25°C unless otherwise specified.
Note 2: ESD applied to input and output pins with respect to GND, one at a time.
1  2  3  4  5  6  7  8  9  10 




Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl