Nombre de pieza
         Descripción
CM1442

 LCD and Camera EMI Filter Array with ESD Protection ( 15 Page)


ONSEMI
100% 
Zoom Out Zoom In
 
 4 page
background image
CM1442
Rev. 2 | Page 4 of 15 | www.onsemi.com
Specifications
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
UNITS
Storage Temperature Range
-65 to +150
°C
DC Power per Resistor
100
mW
DC Package Power Rating
500
mW
STANDARD OPERATING CONDITIONS
PARAMETER
RATING
UNITS
Operating Temperature Range
-40 to +85
°C
ELECTRICAL OPERATING CHARACTERISTICS
(SEE NOTE1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
R
Resistance
80
100
120
Ω
C
TOTAL
Total Channel Capacitance
At 2.5VDC Reverse
Bias, 1MHz, 30mVAC
24
30
36
pF
C
Capacitance C1
At 2.5VDC Reverse
Bias, 1MHz, 30mVAC
12
15
18
pF
V
DIODE
Standoff Voltage
I
DIODE=10μA
6.0
V
I
LEAK
Diode Leakage Current (reverse bias)
V
DIODE=
3.3V
0.1
1
μA
V
SIG
Signal Clamp Voltage
Positive Clamp
Negative Clamp
I
LOAD = 10mA
I
LOAD = -10mA
5.6
-1.5
6.8
-0.8
9.0
-0.4
V
V
V
ESD
In-system ESD Withstand Voltage
a) Human Body Model, MIL-STD-883, Method
3015
b) Contact Discharge per IEC 61000-4-2 Level 4
Notes 2 and 3
±30
±15
kV
kV
R
DYN
Dynamic Resistance
Positive
Negative
2.3
0.9
Ω
Ω
f
C
Cut-off Frequency
Z
SOURCE=50Ω, ZLOAD=50Ω
R=100
Ω, C=15pF
115
MHz
Note 1: T
A=25°C unless otherwise specified.
Note 2: ESD applied to input and output pins with respect to GND, one at a time.
Note 3: Unused pins are left open.
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 




Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl