Nombre de pieza
         Descripción
CM1457

 Praetorian III® 4, 6, 8-Channel EMI Filter Array with ESD Protection ( 9 Page)


ONSEMI
100% 
Zoom Out Zoom In
   
 6 page
background image
CM1457
Rev. 4 | Page 6 of 9 | www.onsemi.com
CM1457-04CP Mechanical Specifications
The 10-bump CM1457-04CP package dimensions are shown below.
Package Specifications
Package
Custom CSP
Bumps
10
Millimeters
Inches
Dim
Min
Nom
Max
Min
Nom
Max
A1
1.627
1.672
1.717
0.0641
0.0658
0.0676
A2
1.008
1.053
1.098
0.0397
0.0415
0.0432
B1
0.395
0.400
0.405
0.0156
0.0157
0.0159
B2
0.195
0.200
0.205
0.0077
0.0079
0.0081
B3
0.342
0.347
0.352
0.0135
0.0137
0.0139
B4
0.342
0.347
0.352
0.0135
0.0137
0.0139
C1
0.186
0.236
0.286
0.0073
0.0093
0.0113
C2
0.130
0.180
0.230
0.0051
0.0071
0.0090
D1
0.545
0.615
0.685
0.0215
0.0242
0.0270
D2
0.378
0.419
0.460
0.0149
0.0165
0.0181
Controlling dimension: millimeters
Package Dimensions for CM1457-04CP Chip Scale
Package
CSP Tape and Reel Specifications
PART NUMBER
CHIP SIZE (mm)
POCKET SIZE (mm)
B
0 X A0 X K0
TAPE WIDTH
W
REEL
DIAMETER
QTY PER
REEL
P
0
P
1
CM1457-04CP
1.67 X 1.05 X 0.615
1.80 X 1.27 X 0.73
8mm
178mm (7")
3500
4mm
4mm
1  2  3  4  5  6  7  8  9 




Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl