Nombre de pieza
         Descripción
CM1457

 Praetorian III® 4, 6, 8-Channel EMI Filter Array with ESD Protection ( 9 Page)


ONSEMI
100% 
Zoom Out Zoom In
   
 4 page
background image
CM1457
Rev. 4 | Page 4 of 9 | www.onsemi.com
Standard Operating Conditions
PARAMETER
RATING
UNITS
Operating Temperature Range
-40 to +85
°C
Electrical Operating Characteristics (see Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
L
TOT
Total Channel Inductance
70
nH
R
TOT
Total Channel DC Resistance
45
Ω
C
TOT_0V
Total Channel Capacitance, 0V bias
0V dc; 1MHz, 30mV rms
20
24
pF
C
TOT_2.5V
Total Channel Capacitance, 2.5V bias
2.5V dc; 1MHz, 30mV rms
12.5
pF
V
ST
Stand-off Voltage
I = 10
μA
5.5
V
I
LEAK
Diode Leakage Current
V
IN = +3.3V
0.1
0.5
μA
V
SIG
Signal Clamp Voltage
Positive Clamp
Negative Clamp
I
LOAD = 10mA
I
LOAD = -10mA
5.6
-1.5
6.8
-0.8
9.0
-0.4
V
V
V
ESD
In-system ESD Withstand Voltage
a) Contact discharge per
IEC 61000-4-2 standard, Level 4
(External Pins)
b) Contact discharge per
IEC 61000-4-2 standard, Level 4
(Internal Pins)
Notes 2 and 3
±15
±2
kV
kV
f
C
Cut-off frequency
Z
SOURCE = 50Ω, ZLOAD = 50Ω
300
MHz
Note 1: T
A=25°C unless otherwise specified.
Note 2: ESD applied to input and output pins with respect to GND, one at a time.
Note 3: Unused pins are left open.
1  2  3  4  5  6  7  8  9 




Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl