Nombre de pieza
         Descripción
ATMEGA329_071

 8-bit Microcontroller with In-System Programmable Flash ( 29 Page)


ATMEL
100% 
Zoom Out Zoom In
 6 page
background image
6
2552JS–AVR–08/07
ATmega329/3290/649/6490
3.2
Comparison between ATmega329, ATmega3290, ATmega649 and ATmega6490
The ATmega329, ATmega3290, ATmega649, and ATmega6490 differs only in memory sizes,
pin count and pinout. Table 3-1 on page 6 summarizes the different configurations for the four
devices.
3.3
Pin Descriptions
The following section describes the I/O-pin special functions.
3.3.1
V
CC
Digital supply voltage.
3.3.2
GND
Ground.
3.3.3
Port A (PA7..PA0)
Port A is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
Port A output buffers have symmetrical drive characteristics with both high sink and source
capability. As inputs, Port A pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port A pins are tri-stated when a reset condition becomes active,
even if the clock is not running.
Port A also serves the functions of various special features of the ATmega329/3290/649/6490
as listed on page 67.
3.3.4
Port B (PB7..PB0)
Port B is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
Port B output buffers have symmetrical drive characteristics with both high sink and source
capability. As inputs, Port B pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port B pins are tri-stated when a reset condition becomes active,
even if the clock is not running.
Port B has better driving capabilities than the other ports.
Port B also serves the functions of various special features of the ATmega329/3290/649/6490
as listed on page 68.
Table 3-1.
Configuration Summary
Device
Flash
EEPROM
RAM
LCD
Segments
General Purpose
I/O Pins
ATmega329
32K bytes
1K bytes
2K bytes
4 x 25
54
ATmega3290
32K bytes
1K bytes
2K bytes
4 x 40
69
ATmega649
64K bytes
2K bytes
4K bytes
4 x 25
54
ATmega6490
64K bytes
2K bytes
4K bytes
4 x 40
69
1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 




Enlace URL

Patrocinador de Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl