Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST7FMC2N7T3 Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza ST7FMC2N7T3
Descripción Electrónicos  8-bit MCU with nested interrupts, Flash, 10-bit ADC, brushless motor control, five timers, SPI, LINSCI?
Download  309 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FMC2N7T3 Datasheet(HTML) 1 Page - STMicroelectronics

  ST7FMC2N7T3 Datasheet HTML 1Page - STMicroelectronics ST7FMC2N7T3 Datasheet HTML 2Page - STMicroelectronics ST7FMC2N7T3 Datasheet HTML 3Page - STMicroelectronics ST7FMC2N7T3 Datasheet HTML 4Page - STMicroelectronics ST7FMC2N7T3 Datasheet HTML 5Page - STMicroelectronics ST7FMC2N7T3 Datasheet HTML 6Page - STMicroelectronics ST7FMC2N7T3 Datasheet HTML 7Page - STMicroelectronics ST7FMC2N7T3 Datasheet HTML 8Page - STMicroelectronics ST7FMC2N7T3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 309 page
background image
April 2009
Rev 13
1/309
ST7MC1xx/ST7MC2xx
8-bit MCU with nested interrupts, Flash, 10-bit ADC,
brushless motor control, five timers, SPI, LINSCI
Features
Memories
– 8K to 60K dual voltage Flash Program memo-
ry or ROM with read-out protection capability,
In-application programming and In-circuit pro-
gramming.
– 384 to 1.5K RAM
– HDFlash endurance: 100 cycles, data reten-
tion: 40 years at 85°C
Clock, reset and supply management
– Enhanced reset system
– Enhanced low voltage supervisor (LVD) for
main supply and auxiliary voltage detector
(AVD) with interrupt capability
– Clock sources: crystal/ceramic resonator os-
cillators and by-pass for external clock, clock
security system.
– Four power saving modes: Halt, Active-halt,
Wait and Slow
Interrupt management
– Nested interrupt controller
– 14 interrupt vectors plus TRAP and RESET
– MCES top level interrupt pin
– 16 external interrupt lines (on 3 vectors)
Up to 60 I/O ports
– up to 60 multifunctional bidirectional I/O lines
– up to 41 alternate function lines
– up to 12 high sink outputs
5 timers
– Main clock controller with: Real-time base,
Beep and clock-out capabilities
– Configurable window watchdog timer
– Two 16-bit timers with: 2 input captures, 2 out-
put compares, external clock input, PWM and
pulse generator modes
– 8-bit PWM Auto-reload timer with: 2 input cap-
tures, 4 PWM outputs, output compare and
time base interrupt, external clock with
event detector
2 Communication interfaces
– SPI synchronous serial interface
–LINSCI
™ asynchronous serial interface
Brushless motor control peripheral
– 6 high sink PWM output channels for sine-
wave or trapezoidal inverter control
– Motor safety including asynchronous emer-
gency stop and write-once registers
– 4 analog inputs for rotor position detection
(sensorless/hall/tacho/encoder)
– Permanent magnet motor coprocessor includ-
ing multiplier, programmable filters, blanking
windows and event counters
– Operational amplifier and comparator for cur-
rent/voltage mode regulation and limitation
Analog peripheral
– 10-bit ADC with 16 input pins
In-circuit Debug
Instruction set
– 8-bit data manipulation
– 63 basic instructions with illegal opcode de-
tection
– 17 main Addressing modes
– 8 x 8 unsigned multiply instruction
– True bit manipulation
Development tools
– Full hardware/software development package
Table 1. Device summary
Note 1: For development only. No production
LQFP64
14 x 14
LQFP80
14 x 14
LQFP32 7x 7
LQFP44
10 x 10
Features
ST7MC1K2 / ST7MC1K4
ST7MC2N6 1)/ ST7MC2S4 / ST7MC2S6 / ST7MC2S7 / ST7MC2S9
/ ST7MC2R6 / ST7MC2R7 / ST7MC2R9 / ST7MC2M9
Program memory - bytes
8K
16K
16K
32K
48K
60K
RAM (stack) - bytes
384 (256)
768 (256)
768 (256)
1024 (256)
1536 (256)
Peripherals
Watchdog, 16-bit Timer A, LINSCI
, 10-bit ADC, MTC, 8-bit PWM ART, ICD
-
SPI, 16-bit Timer B
Operating
Supply vs. Frequency
4.5 to 5.5V with fCPU≤8MHz
Temperature Range
-40°C to +85°C
/-40°C to +125°C
-40°C to
+85°C
-40°C to +85°C
-40°C to +125°C
-40°C to +85 °C
-40°C to
+125°C
Package
LQFP32
LQFP32
LQFP44
SDIP561)/LQFP64
LQFP64/44
LQFP80/64
LQFP44
1


Número de pieza similar - ST7FMC2N7T3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST7FMC2N6B6 STMICROELECTRONICS-ST7FMC2N6B6 Datasheet
5Mb / 308P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
More results

Descripción similar - ST7FMC2N7T3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
ST7MC1 STMICROELECTRONICS-ST7MC1 Datasheet
5Mb / 308P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
ST72321 STMICROELECTRONICS-ST72321 Datasheet
2Mb / 185P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
August 2003 Rev. 1.9
ST72521M STMICROELECTRONICS-ST72521M Datasheet
105Kb / 11P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
ST72521 STMICROELECTRONICS-ST72521 Datasheet
2Mb / 211P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
August 2003 Rev. 1.9
ST72F521M STMICROELECTRONICS-ST72F521M Datasheet
1Mb / 199P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
ST72F324J STMICROELECTRONICS-ST72F324J Datasheet
1Mb / 156P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
ST72324 STMICROELECTRONICS-ST72324 Datasheet
2Mb / 161P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 4 TIMERS, SPI, SCI INTERFACE
August 2003 Rev. 1.9
ST72321J STMICROELECTRONICS-ST72321J Datasheet
2Mb / 179P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 5 TIMERS, SPI, SCI, I2C INTERFACE
July 2003 Rev. 1.8
ST72361 STMICROELECTRONICS-ST72361 Datasheet
4Mb / 224P
   8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, 2x LINSCI
ST72361 STMICROELECTRONICS-ST72361_07 Datasheet
4Mb / 224P
   8-bit MCU with Flash or ROM, 10-bit ADC, 5 timers, SPI, 2x LINSCI?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com