Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2595 Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza LM2595
Descripción Electrónicos  1.0 A, Step-Down Switching Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2595 Datasheet(HTML) 4 Page - ON Semiconductor

  LM2595 Datasheet HTML 1Page - ON Semiconductor LM2595 Datasheet HTML 2Page - ON Semiconductor LM2595 Datasheet HTML 3Page - ON Semiconductor LM2595 Datasheet HTML 4Page - ON Semiconductor LM2595 Datasheet HTML 5Page - ON Semiconductor LM2595 Datasheet HTML 6Page - ON Semiconductor LM2595 Datasheet HTML 7Page - ON Semiconductor LM2595 Datasheet HTML 8Page - ON Semiconductor LM2595 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LM2595
http://onsemi.com
4
SYSTEM PARAMETERS
ELECTRICAL CHARACTERISTICS Specifications with standard type face are for TJ = 25°C, and those with boldface type apply
over full Operating Temperature Range −40°C to +125°C
Characteristics
Symbol
Min
Typ
Max
Unit
LM2595 (Note 1, Test Circuit Figure 16)
Feedback Voltage (Vin = 12 V, ILoad = 0.2 A, Vout = 5.0 V, )
VFB_nom
1.23
V
Feedback Voltage (8.0 V ≤ Vin ≤ 40 V, 0.2 A ≤ ILoad ≤ 1.0 A, Vout = 5.0 V)
VFB
1.193
1.18
1.267
1.28
V
Efficiency (Vin = 12 V, ILoad = 1.0 A, Vout = 5.0 V)
h
81
%
Characteristics
Symbol
Min
Typ
Max
Unit
Feedback Bias Current (Vout = 5.0 V)
Ib
25
100
200
nA
Oscillator Frequency (Note 2)
fosc
135
120
150
165
180
kHz
Saturation Voltage (Iout = 1.0 A, Notes 3 and 4)
Vsat
1.0
1.2
1.3
V
Max Duty Cycle “ON” (Note 4)
DC
95
%
Current Limit (Peak Current, Notes 2 and 3)
ICL
1.2
1.15
2.1
2.4
2.6
A
Output Leakage Current (Notes 5 and 6)
Output = 0 V
Output = −1.0 V
IL
0.5
13
2.0
30
mA
Quiescent Current (Note 5)
IQ
5.0
10
mA
Standby Quiescent Current (ON/OFF Pin = 5.0 V (“OFF”))
(Note 6)
Istby
50
200
250
mA
ON/OFF PIN LOGIC INPUT
Threshold Voltage
1.6
V
Vout = 0 V (Regulator OFF)
VIH
2.2
2.4
V
Vout = Nominal Output Voltage (Regulator ON)
VIL
1.0
0.8
V
ON/OFF Pin Input Current
ON/OFF Pin = 5.0 V (Regulator OFF)
IIH
15
30
mA
ON/OFF Pin = 0 V (regulator ON)
IIL
0.01
5.0
mA
1. External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance.
When the LM2595 is used as shown in the Figure 16 test circuit, system performance will be as shown in system parameters section.
2. The oscillator frequency reduces to approximately 30 kHz in the event of an output short or an overload which causes the regulated output
voltage to drop approximately 40% from the nominal output voltage. This self protection feature lowers the average dissipation of the IC by
lowering the minimum duty cycle from 5% down to approximately 2%.
3. No diode, inductor or capacitor connected to output (Pin 1) sourcing the current.
4. Feedback (Pin 4) removed from output and connected to 0 V.
5. Feedback (Pin 4) removed from output and connected to +12 V to force the output transistor “off”.
6. Vin = 40 V.


Número de pieza similar - LM2595

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2595 TI1-LM2595 Datasheet
3Mb / 41P
[Old version datasheet]   LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 TI1-LM2595 Datasheet
3Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 TI1-LM2595 Datasheet
4Mb / 43P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator
logo
Guangdong Youtai Semico...
LM2595 UMW-LM2595 Datasheet
986Kb / 11P
   2A 150KHZ DC switching voltagestabilizing circuit
More results

Descripción similar - LM2595

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
IK Semicon Co., Ltd
IL2575-XX IKSEMICON-IL2575-XX Datasheet
761Kb / 17P
   1.0 A, 15 V, Step-Down Switching Regulator
logo
ON Semiconductor
LM2575T-15G ONSEMI-LM2575T-15G Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-005G ONSEMI-LM2575T-005G Datasheet
461Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575 Datasheet
382Kb / 26P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
May, 2004 ??Rev. 6
LM2575 ONSEMI-LM2575_09 Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-ADJ ONSEMI-LM2575T-ADJ Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
logo
STMicroelectronics
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
   3 A step-down switching regulator
L5981 STMICROELECTRONICS-L5981_08 Datasheet
872Kb / 37P
   1 A step-down switching regulator
logo
ON Semiconductor
LM2596 ONSEMI-LM2596_10 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
logo
STMicroelectronics
L5986 STMICROELECTRONICS-L5986 Datasheet
1Mb / 39P
   2.5 A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com