Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FCA-210-DW6 Datasheet(PDF) 3 Page - Tyco Electronics

No. de pieza FCA-210-DW6
Descripción Electrónicos  10 AMPERES, DPDT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MACOM [Tyco Electronics]
Página de inicio  http://www.macom.com
Logo MACOM - Tyco Electronics

FCA-210-DW6 Datasheet(HTML) 3 Page - Tyco Electronics

  FCA-210-DW6 Datasheet HTML 1Page - Tyco Electronics FCA-210-DW6 Datasheet HTML 2Page - Tyco Electronics FCA-210-DW6 Datasheet HTML 3Page - Tyco Electronics FCA-210-DW6 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
10
.062
Dia. Pin
(1.57
)
.050
± .005
(1.27
± (.127)
Silicone
Rubber
Gasket
.300
(7.62)
.270
(6.86)
+.05
- .02
Polar
Pin
-X2
+.002
- .001
.062
Dia.
(1.57
)
BLUE BEAD
± .02 8 Plcs
±.001
Socket Pins - All DC Coils
CODE
"A"
Below are shown the standard terminal types and the enclosures available. Specify the assembly as
indicated under How To Order. Dimensions are shown in inches
± .010 and (Millimeters ± .25).
TERMINALS
ENCLOSURES
.062
Dia. Pin
(1.57
)
.300
(7.62)
.270
(6.86)
+.05
- .02
Polar
Pin
-X2
+.002
- .001
.062
Dia.
(1.57
)
BLUE BEAD
± .02 8 Plcs
±.001
CODE
"B"
Circuit Board Pins - All DC Coils
.300
± .020
(7.62)
± .51
0.80 DIA
(2.03)
BLUE BEAD
-X2
+X1
8 Plcs
+.002
- .001
.062
Dia. Term.
(1.57 ) +.05
- .02
CODE
"C"
Solder Hook Terminals
HOOK TERMINALS TIN/LEAD PLATED
Socket Pins 115 VAC
.270
(6.86)
-X2
.070 (1.78)
.050 (1.27)
+.006
- (.010)
.115
(2.92)
.062
(1.57)
Dia.
.330
(8.83)
±.030
± (.76)
BLUE BEAD
+X1
.027
(.69)
±.003
± (.08)
Socket Pins 28 VAC Coils
Same as Code "D" Except polarizing
Pin turned 90˚ to this plane.
POLARIZING PIN
.270
(6.86)
-X2
.070 (1.78)
.050 (1.27)
+.006
- (.010)
.115
(2.92)
.062
(1.57)
Dia.
BLUE BEAD
.027
(.69)
±.003
± (.08)
Circuit Board Pins
115 VAC Coils
All Enclosures have Cupro-Nickel
Cans bright acid tin/lead plated after
assembly to terminal headers.
Dimensions: Inches
± .010 (mm ± .25)
"A" AC Coils 1.125 in. (28.57) Max.
DC Coils 1.010 in. (25.65) Max.
"A"
MAX.
CODE
"Z"
.525 Max.
(13.34)
1.025 Max.
(26.04)
CODE
"Y"
"A"
MAX.
.525 Max.
(13.34)
1.718 Max.
(43.64)
1.025 Max.
(26.04)
1.396
(35.46)
1.446
(36.73)
FULL R
4 PLCS
.375
(9.52)
.150
(3.8)
.156
(3.96)
.040
(1.02)
CODE
"X"
"A"
MAX.
1.025 Max.
(26.04)
1.396
(35.46)
1.446
(36.73)
FULL R
4 PLCS
.550
(13.97)
AC COILS
.150
(3.8)
.500
(12.70)
DC COILS
.375
(9.52)
1.718 Max.
(43.64)
.525 Max.
(13.34)
.040
(1.02)
"A"
MAX.
6-32 UNC-2A
2 Studs *
.031
(.787)
.375
(9.52)
.525 Max.
(13.34)
.257
(6.52)
CODE
"W"
1.025 Max.
(26.04)
.625
(5.88)
*Metric threads available,To specify use M in place of W
CODE
"F"
CODE
"E"
CODE
"D"
Circuit Board Pins
28 VAC Coils
CODE
"F"
Same as Code "D" Except polarizing
Pin turned 90˚ to this plane.
POLARIZING PIN
CODE
"H"
90˚ Solder Pins
.312
(7.92)
.400
(10.61)
.200
(5.08)
.062
Dia.
+.002
- .001
BLUE BEAD
.200
(5.08)
.200
(5.08)
.200
(5.08)
.100 R TYP.
All Pins Bright Acid Tin/lead
.330
(8.83)
±.030
± (.76)
.062
Dia. Pin
-.001
+002
+X1
.062
± .001Dia. Pin
(1.57
± .02)
+(.152)
- (.254)
+(.152)
- (.254)
SOCKET PINS ARE GOLD PLATED
POLARIZING PINS ARE TIN/LEAD PLATED
CIRCUIT BOARD PINS ARE TIN/LEAD PLATED
DIMENSIONS EXCEPT AS NOTED:
INCHES
± .010 (MILLIMETERS ± .25)
.050
± .005
(1.27
± (13)
Silicone
Rubber
Gasket
FCA-210
10 AMPERES, DPDT
SERIES
Tyco Electronics Mid-Range Military/Aerospace Relays


Número de pieza similar - FCA-210-DW6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
FCA-210-0917M MACOM-FCA-210-0917M Datasheet
47Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
logo
List of Unclassifed Man...
FCA-210-0923M ETC2-FCA-210-0923M Datasheet
44Kb / 1P
   ENGINEERING DATA SHEET
logo
Tyco Electronics
FCA-210-0926M MACOM-FCA-210-0926M Datasheet
47Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
FCA-210-1022M MACOM-FCA-210-1022M Datasheet
48Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
FCA-210-1024M MACOM-FCA-210-1024M Datasheet
50Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
More results

Descripción similar - FCA-210-DW6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
FCA-325-BZ4 MACOM-FCA-325-BZ4 Datasheet
147Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays 10 AMPERES, DPDT
logo
ZETTLER Electronics
AZ743 ZETTLER-AZ743 Datasheet
52Kb / 2P
   10 AMP DPDT MINIATURE POWER RELAY
logo
Custom MMIC Design Serv...
CMD272P3 MMIC-CMD272P3 Datasheet
251Kb / 8P
   DC-10 GHz DPDT Transfer Switch
logo
ZETTLER Electronics
AZ742 ZETTLER-AZ742_12 Datasheet
99Kb / 4P
   10 A DPDT MINIATURE POWER RELAY
AZ743 ZETTLER-AZ743_13 Datasheet
47Kb / 2P
   10 AMP DPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ743 AZETTLER-AZ743 Datasheet
183Kb / 3P
   10 AMP DPDT MINIATURE POWER RELAY
logo
List of Unclassifed Man...
219SERIES ETC1-219SERIES Datasheet
2Mb / 4P
   DPDT, up to 6PST, 10 Amps
2012
FCB-205 ETC2-FCB-205 Datasheet
83Kb / 4P
   Tyco Electronics Mid-Range Military/Aerospace Relays 5 AMPERES, DPDT
logo
Pan Jit International I...
MBR1040F PANJIT-MBR1040F_16 Datasheet
284Kb / 3P
   10 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
MBRF1040CTD DYELEC-MBRF1040CTD Datasheet
639Kb / 3P
   10 AMPERES SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com