Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NBVSBA027LU1TAG Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza NBVSBA027LU1TAG
Descripción Electrónicos  2.5 V/3.3 V, LVPECL Voltage-Controlled Crystal Oscillator (VCXO) PureEdge Product Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBVSBA027LU1TAG Datasheet(HTML) 2 Page - ON Semiconductor

  NBVSBA027LU1TAG Datasheet HTML 1Page - ON Semiconductor NBVSBA027LU1TAG Datasheet HTML 2Page - ON Semiconductor NBVSBA027LU1TAG Datasheet HTML 3Page - ON Semiconductor NBVSBA027LU1TAG Datasheet HTML 4Page - ON Semiconductor NBVSBA027LU1TAG Datasheet HTML 5Page - ON Semiconductor NBVSBA027LU1TAG Datasheet HTML 6Page - ON Semiconductor NBVSBA027LU1TAG Datasheet HTML 7Page - ON Semiconductor NBVSBA027LU1TAG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NBVSBAXXX Series
http://onsemi.com
2
Figure 1. Simplified Logic Diagram
PLL
Clock
Multiplier
GND
OE
VC
CLK CLK
VDD
65
4
12
3
OE
VC
GND
CLK
VDD
CLK
1
2
3
6
5
4
Figure 2. Pin Connections (Top View)
Table 1. PIN DESCRIPTION
Pin No.
Symbol
I/O
Description
1
VC (Note 1)
Analog Input
Analog control voltage input pin that adjusts output oscillation frequency. f0 =VC = 1.65 V
2
OE
LVTTL/LVCMOS
Control Input
Output Enable Pin. When left floating pin defaults to logic HIGH and output is active.
See OE pin description Table 2.
3
GND
Power Supply
Ground at 0 V. Electrical and Case Ground.
4
CLK
LVPECL Output
Non−Inverted Clock Output. Typically loaded with 50 W receiver termination resistor to
VTT = VDD − 2 V.
5
CLK
LVPECL Output
Inverted Clock Output. Typically loaded with 50 W receiver termination resistor
to VTT = VDD − 2 V.
6
VDD
Power Supply
Positive Power Supply Voltage. Voltage should not exceed 2.5 V ±5% and 3.3 V ±10%.
1. Control voltage has a positive slope with a linearity of ±10%; VC = 1.65 V ± 1 V.
Table 2. OUTPUT ENABLE TRI−STATE FUNCTION
OE Pin
Output Pins
Open
Active
HIGH Level
Active
LOW Level
High Z
Table 3. ATTRIBUTES
Characteristic
Value
Internal Default State Resistor
170 kW
ESD Protection
Human Body Model
Machine Model
2 kV
200 V
Meets or Exceeds JEDEC Standard EIA/JESD78 IC Latchup Test
2. For additional Moisture Sensitivity information, refer to Application Note AND8003/D.


Número de pieza similar - NBVSBA027LU1TAG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NBVSPA013 ONSEMI-NBVSPA013 Datasheet
152Kb / 7P
   2.5 V, 212.00 MHz LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
April, 2012 ??Rev. 0
NBVSPA013LN1TAG ONSEMI-NBVSPA013LN1TAG Datasheet
152Kb / 7P
   2.5 V, 212.00 MHz LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
April, 2012 ??Rev. 0
NBVSPA013LNHTAG ONSEMI-NBVSPA013LNHTAG Datasheet
152Kb / 7P
   2.5 V, 212.00 MHz LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
April, 2012 ??Rev. 0
NBVSPA015 ONSEMI-NBVSPA015 Datasheet
129Kb / 8P
   3.3 V, LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
December, 2010 ??Rev. 1
NBVSPA015LN1TAG ONSEMI-NBVSPA015LN1TAG Datasheet
129Kb / 8P
   3.3 V, LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
December, 2010 ??Rev. 1
More results

Descripción similar - NBVSBA027LU1TAG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NBVSPA015 ONSEMI-NBVSPA015 Datasheet
129Kb / 8P
   3.3 V, LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
December, 2010 ??Rev. 1
NBVSPA013 ONSEMI-NBVSPA013 Datasheet
152Kb / 7P
   2.5 V, 212.00 MHz LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
April, 2012 ??Rev. 0
logo
Cypress Semiconductor
CY2V014 CYPRESS-CY2V014 Datasheet
262Kb / 9P
   LVPECL Voltage Controlled Crystal Oscillator (VCXO)
logo
ON Semiconductor
NBXSBA025 ONSEMI-NBXSBA025 Datasheet
123Kb / 6P
   2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
August, 2009 ??Rev. 0
NBXSBA025_0910 ONSEMI-NBXSBA025_0910 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1
NBXSBA024 ONSEMI-NBXSBA024 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 622.08 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXSBA030 ONSEMI-NBXSBA030 Datasheet
125Kb / 6P
   2.5 V / 3.3 V, 175.00 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1
NBXSBA045 ONSEMI-NBXSBA045 Datasheet
125Kb / 6P
   2.5/3.3 V, 345.00 MHz LVPECL Clock Oscillator
March, 2010 ??Rev. 0
NBXSBA046 ONSEMI-NBXSBA046 Datasheet
126Kb / 6P
   2.5/3.3 V, 172.50 MHz LVPECL Clock Oscillator
March, 2010 ??Rev. 0
NBXHGA019 ONSEMI-NBXHGA019 Datasheet
116Kb / 6P
   2.5/3.3 V, 125.00 MHz LVPECL Clock Oscillator
April, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com