Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NBVSBA026LU1TAG Datasheet(PDF) 6 Page - ON Semiconductor

No. de pieza NBVSBA026LU1TAG
Descripción Electrónicos  2.5 V/3.3 V, LVPECL Voltage-Controlled Crystal Oscillator (VCXO) PureEdge Product Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBVSBA026LU1TAG Datasheet(HTML) 6 Page - ON Semiconductor

  NBVSBA026LU1TAG Datasheet HTML 1Page - ON Semiconductor NBVSBA026LU1TAG Datasheet HTML 2Page - ON Semiconductor NBVSBA026LU1TAG Datasheet HTML 3Page - ON Semiconductor NBVSBA026LU1TAG Datasheet HTML 4Page - ON Semiconductor NBVSBA026LU1TAG Datasheet HTML 5Page - ON Semiconductor NBVSBA026LU1TAG Datasheet HTML 6Page - ON Semiconductor NBVSBA026LU1TAG Datasheet HTML 7Page - ON Semiconductor NBVSBA026LU1TAG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NBVSBAXXX Series
http://onsemi.com
6
Table 9. ORDERING INFORMATION
Device
Output Frequency (MHz)
Package
Shipping
5.0 x 7.0 x 1.8 mm
NBVSBA011LN1TAG
122.88
CLCC−6, Pb−Free
1000 / Tape & Reel
NBVSBA027LN1TAG
148.50
CLCC−6, Pb−Free
1000 / Tape & Reel
NBVSBA018LN1TAG
155.52
CLCC−6, Pb−Free
1000 / Tape & Reel
NBVSBA017LN1TAG
156.25
CLCC−6, Pb−Free
1000 / Tape & Reel
NBVSBA015LN1TAG
200.00
CLCC−6, Pb−Free
1000 / Tape & Reel
NBVSBA024LN1TAG
622.08
CLCC−6, Pb−Free
1000 / Tape & Reel
NBVSBA026LN1TAG
644.53
CLCC−6, Pb−Free
1000 / Tape & Reel
3.2 x 5.0 x 1.2 mm
NBVSBA011LU1TAG*
122.88
CLCC−6, Pb−Free
1000 / Tape & Reel
NBVSBA027LU1TAG*
148.50
CLCC−6, Pb−Free
1000 / Tape & Reel
NBVSBA018LU1TAG*
155.52
CLCC−6, Pb−Free
1000 / Tape & Reel
NBVSBA017LU1TAG*
156.25
CLCC−6, Pb−Free
1000 / Tape & Reel
NBVSBA015LU1TAG*
200.00
CLCC−6, Pb−Free
1000 / Tape & Reel
NBVSBA024LU1TAG*
622.08
CLCC−6, Pb−Free
1000 / Tape & Reel
NBVSBA026LU1TAG*
644.53
CLCC−6, Pb−Free
1000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and Reel Packaging
Specification Brochure, BRD8011/D.
*Consult factory for availability.


Número de pieza similar - NBVSBA026LU1TAG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NBVSPA013 ONSEMI-NBVSPA013 Datasheet
152Kb / 7P
   2.5 V, 212.00 MHz LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
April, 2012 ??Rev. 0
NBVSPA013LN1TAG ONSEMI-NBVSPA013LN1TAG Datasheet
152Kb / 7P
   2.5 V, 212.00 MHz LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
April, 2012 ??Rev. 0
NBVSPA013LNHTAG ONSEMI-NBVSPA013LNHTAG Datasheet
152Kb / 7P
   2.5 V, 212.00 MHz LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
April, 2012 ??Rev. 0
NBVSPA015 ONSEMI-NBVSPA015 Datasheet
129Kb / 8P
   3.3 V, LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
December, 2010 ??Rev. 1
NBVSPA015LN1TAG ONSEMI-NBVSPA015LN1TAG Datasheet
129Kb / 8P
   3.3 V, LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
December, 2010 ??Rev. 1
More results

Descripción similar - NBVSBA026LU1TAG

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NBVSPA015 ONSEMI-NBVSPA015 Datasheet
129Kb / 8P
   3.3 V, LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
December, 2010 ??Rev. 1
NBVSPA013 ONSEMI-NBVSPA013 Datasheet
152Kb / 7P
   2.5 V, 212.00 MHz LVDS Voltage-Controlled Clock Oscillator (VCXO) PureEdge Product Series
April, 2012 ??Rev. 0
logo
Cypress Semiconductor
CY2V014 CYPRESS-CY2V014 Datasheet
262Kb / 9P
   LVPECL Voltage Controlled Crystal Oscillator (VCXO)
logo
ON Semiconductor
NBXSBA025 ONSEMI-NBXSBA025 Datasheet
123Kb / 6P
   2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
August, 2009 ??Rev. 0
NBXSBA025_0910 ONSEMI-NBXSBA025_0910 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1
NBXSBA024 ONSEMI-NBXSBA024 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 622.08 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXSBA030 ONSEMI-NBXSBA030 Datasheet
125Kb / 6P
   2.5 V / 3.3 V, 175.00 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1
NBXSBA045 ONSEMI-NBXSBA045 Datasheet
125Kb / 6P
   2.5/3.3 V, 345.00 MHz LVPECL Clock Oscillator
March, 2010 ??Rev. 0
NBXSBA046 ONSEMI-NBXSBA046 Datasheet
126Kb / 6P
   2.5/3.3 V, 172.50 MHz LVPECL Clock Oscillator
March, 2010 ??Rev. 0
NBXHGA019 ONSEMI-NBXHGA019 Datasheet
116Kb / 6P
   2.5/3.3 V, 125.00 MHz LVPECL Clock Oscillator
April, 2010 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com