Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2480PWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2480PWR
Descripción Electrónicos  Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS2480PWR Datasheet(HTML) 1 Page - Texas Instruments

  TPS2480PWR Datasheet HTML 1Page - Texas Instruments TPS2480PWR Datasheet HTML 2Page - Texas Instruments TPS2480PWR Datasheet HTML 3Page - Texas Instruments TPS2480PWR Datasheet HTML 4Page - Texas Instruments TPS2480PWR Datasheet HTML 5Page - Texas Instruments TPS2480PWR Datasheet HTML 6Page - Texas Instruments TPS2480PWR Datasheet HTML 7Page - Texas Instruments TPS2480PWR Datasheet HTML 8Page - Texas Instruments TPS2480PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
2
1
6
7
4
17
15
14
10 kW
18
13
12
8
10
16
20
19
9
0.01mF
PROG
GND GND
A0
A1 TIMER
VREF
EN
SDA
SCL
VS
VINP
VCC SENSE VINM GATE VOUT
2 mW
11
PG
10 kW
10kW
190 kW
33 kW
0.01 mF
0.01 mF
9 V to 20 V
3.3 V to 5 V
TPS2480/1
TPS2480
TPS2481
www.ti.com
SLUS939A – APRIL 2010 – REVISED JUNE 2010
Positive Voltage Intelligent Protection Device
Hotswap Controller and I2C Current Monitor
Check for Samples: TPS2480, TPS2481
1
FEATURES
DESCRIPTION
Programmable FET Power Limit
The TPS2480/81 are designed to minimize inrush into
applications and protect both the load and the FET
External N-Channel FET Gate Drive
from over-current or short circuit events. They control
Programmable Fault Timer
an external N-channel MOSFET switch and provide
Open Drain Power Good Output
accurate voltage, current, and power monitoring using
I2C monitoring of Current, Voltage and Power
a configurable 12 bit A/D converter via an I2C
interface. The independently adjustable power limit
High Accuracy Current Monitoring
and current limit ensure that the external MOSFET
(1% over temperature)
operates within the FET's Safe Operating Area
Dynamic Calibration
(SOA).
9-V to 20-V Input Range
The flexible design includes a Power Good output
which can be used for sequencing as well as load
APPLICATIONS
fault indication. An external timer capacitor can set
Servers
the fault time to help immunize the system from
nuisance shutdowns during brief transient events.
Hard Drives
Storage Networks
The monitoring circuitry incorporates a high accuracy
Base Stations
A/D converter which can be configured from a 9 to 13
bit converter. The internal gain of the A/D can be
configured to scale the current, voltage and power
readings to the needs of the application. An additional
multiplying register calculates power in Watts. The
I2C interface uses multi-level addressing to allow up
to 16 programmable addresses.
Functional Block Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Número de pieza similar - TPS2480PWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2480PW TI-TPS2480PW Datasheet
1Mb / 52P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
More results

Descripción similar - TPS2480PWR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2480 TI-TPS2480 Datasheet
1Mb / 52P
[Old version datasheet]   Positive Voltage Intelligent Protection Device Hotswap Controller and I2C Current Monitor
TPS2492 TI-TPS2492_10 Datasheet
1Mb / 33P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hotswap Controller With Analog Current Monitor Output
logo
Linear Technology
LTC2990 LINER-LTC2990 Datasheet
289Kb / 24P
   I2C Temperature, Voltage and Current Monitor
LTC4151 LINER-LTC4151 Datasheet
239Kb / 16P
   High Voltage I2C Current and Voltage Monitor
LTC4151 LINER-LTC4151_15 Datasheet
441Kb / 18P
   High Voltage I2C Current and Voltage Monitor
logo
Texas Instruments
TPS2490 TI-TPS2490 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490_07 Datasheet
566Kb / 22P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
TPS2490 TI-TPS2490_08 Datasheet
519Kb / 20P
[Old version datasheet]   POSITIVE HIGH-VOLTAGE POWER-LIMITING HOTSWAP CONTROLLER
logo
Linear Technology
DC1338A LINER-DC1338A Datasheet
821Kb / 6P
   LTC2990 I2C Temperature Voltage and Current Monitor
LTC2991 LINER-LTC2991_15 Datasheet
259Kb / 32P
   Octal I2C Voltage, Current, and Temperature Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com