Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS-113-1 Datasheet(PDF) 1 Page - Richco, Inc.

No. de pieza CS-113-1
Descripción Electrónicos  CATCH AND STRIKERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RICHCO [Richco, Inc.]
Página de inicio  http://www.richco-inc.com
Logo RICHCO - Richco, Inc.

CS-113-1 Datasheet(HTML) 1 Page - Richco, Inc.

  CS-113-1 Datasheet HTML 1Page - Richco, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D
ADDED CS-113-5 PART, SEE ECN 866
SM
10/12/04
E
SEE ECN #1312 FOR CHANGES
SK
04/11/07
B
SEE ECN #521 FOR CHANGES
SM
11.14.02
C
SEE ECN #801 FOR CHANGES
SM
06/14/04
A
UPDATED PRINT AND CHANGED FILE NO.
SM
03.12.02
.61 15.5
.79 20.0
BB
P/N: CS-113-4 CATCH
1. MATERIAL: NYLON 6/6 (RMS-159).
2. COLOR: NATURAL.
21.0
.83
28.6
1.13
.26 6.5
CC
.39 10.0
SECTION C-C
SCALE 1.5 : 1
P/N: CS-113-3 BASE
1. MATERIAL: ACETAL (RMS-39).
2. COLOR: BLACK.
11.5
.453
3.2
.13
.15 3.7
J.B
PRINT
FRAC.=±1/64
RE:
FILE #:
SHEET:
REV.
DESCRIPTION
ENGR.
DATE
TITLE:
DRAWING
DWN:
PART #
DT:
RICHCO, INC
--
SHEET SIZE:
CS SERIES
B
CATCH AND STRIKERS
APP:
CHKD:
1 OF 1
RICHCO, INC.
(773) 539-4060
ENG@RICHCO-INC.COM
08/20/96
-
-FINAL
A
C
DWG IN
IN [MM]
SEE
TYPE
ANG.=±1°
TOLERANCES
UNLESS NOTED
.XX=±.010
.XXX=±.005
CREATED USING
SOLIDWORKS
CS-113-2 STRIKER
CS 113-3 BASE
.39 10.0
CS-113-1 CATCH
.55 14.0
SECTION B-B
SCALE 1.5 : 1
4.5
.18
.08 2.0
.22 5.5
CS-113-4 CATCH
SECTION A-A
SCALE 1.5 : 1
2.0
.08
.20 5.0
.20 5.0
P/N: CS-113-5 STRIKER
1. MATERIAL: NYLON 6/6 (RMS-01).
2. COLOR: NATURAL.
.09
R
14.5
2.2
2.8
.11
.57
.10 2.6
P/N: CS-113-2 STRIKER
1. MATERIAL: SUPERTOUGH NYLON 6/6 (RMS-73).
2. COLOR: BLACK.
15.0
.16
2.2
.09
2.6
.10
R
.59
4.0
.20 5.0
P/N: CS-113-1 CATCH
1. MATERIAL: SUPERTOUGH NYLON 6/6 (RMS-73).
2. COLOR: BLACK.
.79 20.0
AA


Número de pieza similar - CS-113-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bud Industries, Inc.
CS-11202 BUD-CS-11202 Datasheet
35Kb / 1P
   CHAMPION SERIES
CS-11204 BUD-CS-11204 Datasheet
35Kb / 1P
   CHAMPION SERIES
CS-11206 BUD-CS-11206 Datasheet
35Kb / 1P
   CHAMPION SERIES
CS-11208 BUD-CS-11208 Datasheet
35Kb / 1P
   CHAMPION SERIES
CS-1121 BUD-CS-1121 Datasheet
35Kb / 1P
   CHAMPION SERIES
More results

Descripción similar - CS-113-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Linear Integrated Syste...
LT3470HTS8 LINEAR-LT3470HTS8 Datasheet
240Kb / 20P
   Micropower Buck Regulator with Integrated Boost and Catch Diodes
logo
Linear Technology
LT3470EDDB LINER-LT3470EDDB Datasheet
240Kb / 20P
   Micropower Buck Regulator with Integrated Boost and Catch Diodes
LT3470A LINER-LT3470A_15 Datasheet
208Kb / 20P
   Micropower Buck Regulator with Integrated Boost and Catch Diodes
logo
Linear Integrated Syste...
LT3470 LINEAR-LT3470 Datasheet
199Kb / 16P
   Micropower Buck Regulator with Integrated Boost and Catch Diodes
logo
Linear Technology
LT3470A LINER-LT3470A Datasheet
208Kb / 20P
   Micropower Buck Regulator with Integrated Boost and Catch Diodes
LT3470 LINER-LT3470_15 Datasheet
290Kb / 20P
   Micropower Buck Regulator with Integrated Boost and Catch Diodes
logo
PHOENIX CONTACT
2764807 PHOENIX-2764807 Datasheet
137Kb / 8P
   Housing base, with metal foot catch and test opening with side cover
2764852 PHOENIX-2764852 Datasheet
149Kb / 9P
   Housing base, with metal foot catch and test opening with side cover
2764917 PHOENIX-2764917 Datasheet
149Kb / 9P
   Housing base, with metal foot catch and test opening with side cover
2764797 PHOENIX-2764797 Datasheet
166Kb / 5P
   Housing base, with metal foot catch
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com