Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMZ12003 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LMZ12003
Descripción Electrónicos  3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMZ12003 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMZ12003_1 Datasheet HTML 7Page - National Semiconductor (TI) LMZ12003_1 Datasheet HTML 8Page - National Semiconductor (TI) LMZ12003_1 Datasheet HTML 9Page - National Semiconductor (TI) LMZ12003_1 Datasheet HTML 10Page - National Semiconductor (TI) LMZ12003_1 Datasheet HTML 11Page - National Semiconductor (TI) LMZ12003_1 Datasheet HTML 12Page - National Semiconductor (TI) LMZ12003_1 Datasheet HTML 13Page - National Semiconductor (TI) LMZ12003_1 Datasheet HTML 14Page - National Semiconductor (TI) LMZ12003_1 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
should be routed away from the body of the LMZ12003 to
minimize noise.
4. Make input and output bus connections as wide as
possible.
This reduces any voltage drops on the input or output of the
converter and maximizes efficiency. To optimize voltage ac-
curacy at the load, ensure that a separate feedback voltage
sense trace is made to the load. Doing so will correct for volt-
age drops and provide optimum output accuracy.
5. Provide adequate device heat-sinking.
Use an array of heat-sinking vias to connect the exposed pad
to the ground plane on the bottom PCB layer. If the PCB has
a plurality of copper layers, these thermal vias can also be
employed to make connection to inner layer heat-spreading
ground planes. For best results use a 6 x 6 via array with
minimum via diameter of 10mils (254
μm) thermal vias spaced
59mils (1.5 mm). Ensure enough copper area is used for heat-
sinking to keep the junction temperature below 125°C.
Additional Features
OUTPUT OVER-VOLTAGE COMPARATOR
The voltage at FB is compared to a 0.92V internal reference.
If FB rises above 0.92V the on-time is immediately terminat-
ed. This condition is known as over-voltage protection (OVP).
It can occur if the input voltage is increased very suddenly or
if the output load is decreased very suddenly. Once OVP is
activated, the top MOSFET on-times will be inhibited until the
condition clears. Additionally, the synchronous MOSFET will
remain on until inductor current falls to zero.
CURRENT LIMIT
Current limit detection is carried out during the off-time by
monitoring the current in the synchronous MOSFET. Refer-
ring to the Functional Block Diagram, when the top MOSFET
is turned off, the inductor current flows through the load, the
PGND pin and the internal synchronous MOSFET. If this cur-
rent exceeds 4.2A (typical) the current limit comparator dis-
ables the start of the next on-time period. The next switching
cycle will occur only if the FB input is less than 0.8V and the
inductor current has decreased below 4.2A. Inductor current
is monitored during the period of time the synchronous MOS-
FET is conducting. So long as inductor current exceeds 4.2A,
further on-time intervals for the top MOSFET will not occur.
Switching frequency is lower during current limit due to the
longer off-time. It should also be noted that current limit is
dependent on both duty cycle and temperature as illustrated
in the graphs in the typical performance section.
THERMAL PROTECTION
The junction temperature of the LMZ12003 should not be al-
lowed to exceed its maximum ratings. Thermal protection is
implemented by an internal Thermal Shutdown circuit which
activates at 165 °C (typ) causing the device to enter a low
power standby state. In this state the main MOSFET remains
off causing V
O to fall, and additionally the CSS capacitor is
discharged to ground. Thermal protection helps prevent
catastrophic failures for accidental device overheating. When
the junction temperature falls back below 145 °C (typ Hyst =
20 °C) the SS pin is released, V
O rises smoothly, and normal
operation resumes.
Applications requiring maximum output current especially
those at high input voltage may require application derating
at elevated temperatures.
ZERO COIL CURRENT DETECTION
The current of the lower (synchronous) MOSFET is monitored
by a zero coil current detection circuit which inhibits the syn-
chronous MOSFET when its current reaches zero until the
next on-time. This circuit enables the DCM operating mode,
which improves efficiency at light loads.
PRE-BIASED STARTUP
The LMZ12003 will properly start up into a pre-biased output.
This startup situation is common in multiple rail logic applica-
tions where current paths may exist between different power
rails during the startup sequence. The following scope cap-
ture shows proper behavior during this event.
Pre-Biased Startup
30109025
11
www.national.com


Número de pieza similar - LMZ12003_1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMZ12003 TI-LMZ12003_15 Datasheet
1Mb / 28P
[Old version datasheet]   LMZ12003 3-A Simple Switcher짰 Power Module with 20-V Maximum Input Voltage
More results

Descripción similar - LMZ12003_1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMZ12003TZ-ADJ-NOPB TI1-LMZ12003TZ-ADJ-NOPB Datasheet
2Mb / 24P
[Old version datasheet]   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
National Semiconductor ...
LMZ12003 NSC-LMZ12003 Datasheet
1Mb / 16P
   3A SIMPLE SWITCHER짰 Power Module with 20V Maximum
logo
Texas Instruments
LMZ12008 TI1-LMZ12008 Datasheet
1Mb / 24P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
National Semiconductor ...
LMZ12002 NSC-LMZ12002 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ12002 NSC-LMZ12002_1 Datasheet
1Mb / 18P
   2A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
LMZ12001 NSC-LMZ12001 Datasheet
1Mb / 18P
   1A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
Texas Instruments
LMZ22008 TI1-LMZ22008_14 Datasheet
1Mb / 27P
[Old version datasheet]   8A SIMPLE SWITCHER짰 Power Module with 20V Maximum Input Voltage
logo
National Semiconductor ...
LMZ10503 NSC-LMZ10503 Datasheet
980Kb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ10503_1006 NSC-LMZ10503_1006 Datasheet
980Kb / 22P
   3A SIMPLE SWITCHER짰 Power Module with 5.5V Maximum Input Voltage
LMZ14203 NSC-LMZ14203_11 Datasheet
1Mb / 18P
   3A SIMPLE SWITCHER짰 Power Module with 42V Maximum Input Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com