Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4007E Datasheet(PDF) 2 Page - Gulf Semiconductor

No. de pieza 1N4007E
Descripción Electrónicos  GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  GULFSEMI [Gulf Semiconductor]
Página de inicio  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

1N4007E Datasheet(HTML) 2 Page - Gulf Semiconductor

  1N4007E Datasheet HTML 1Page - Gulf Semiconductor 1N4007E Datasheet HTML 2Page - Gulf Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES 1N4001E THRU 1N4007E
2
Rev.A6
www.gulfsemi.com


Número de pieza similar - 1N4007E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zowie Technology Corpor...
1N4007E ZOWIE-1N4007E Datasheet
45Kb / 2P
   SILICON RECTIFIER
More results

Descripción similar - 1N4007E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gulf Semiconductor
RL101 GULFSEMI-RL101 Datasheet
745Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
1N4001 GULFSEMI-1N4001 Datasheet
102Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
1N4007-E GULFSEMI-1N4007-E Datasheet
82Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE: 1000V CURRENT: 1.0A
P600A GULFSEMI-P600A Datasheet
180Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 6.0A
RL201 GULFSEMI-RL201 Datasheet
609Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT; 2.0A
1N5391 GULFSEMI-1N5391 Datasheet
93Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE: 50 to 1000V CURRENT: 1.5A
logo
Leshan Radio Company
1A7 LRC-1A7_12 Datasheet
189Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
Gulf Semiconductor
RL151 GULFSEMI-RL151 Datasheet
678Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
1N5400 GULFSEMI-1N5400 Datasheet
163Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT:3.0A
1N4942 GULFSEMI-1N4942 Datasheet
136Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com