Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CD4028BPW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza CD4028BPW
Descripción Electrónicos  BCD-to-Decimal Decoder
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CD4028BPW Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD4028BPW Datasheet HTML 2Page - Texas Instruments CD4028BPW Datasheet HTML 3Page - Texas Instruments CD4028BPW Datasheet HTML 4Page - Texas Instruments CD4028BPW Datasheet HTML 5Page - Texas Instruments CD4028BPW Datasheet HTML 6Page - Texas Instruments CD4028BPW Datasheet HTML 7Page - Texas Instruments CD4028BPW Datasheet HTML 8Page - Texas Instruments CD4028BPW Datasheet HTML 9Page - Texas Instruments CD4028BPW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
15-Oct-2009
Addendum-Page 2


Número de pieza similar - CD4028BPW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
CD4028BPW TI-CD4028BPW Datasheet
215Kb / 11P
[Old version datasheet]   BCD-TO-CECIMAL DECODER
CD4028BPW TI1-CD4028BPW Datasheet
1Mb / 17P
[Old version datasheet]   BCD-to-Decimal Decoder
CD4028BPWR TI-CD4028BPWR Datasheet
215Kb / 11P
[Old version datasheet]   BCD-TO-CECIMAL DECODER
CD4028BPWR TI1-CD4028BPWR Datasheet
1Mb / 17P
[Old version datasheet]   BCD-to-Decimal Decoder
CD4028BPWRE4 TI1-CD4028BPWRE4 Datasheet
1Mb / 17P
[Old version datasheet]   BCD-to-Decimal Decoder
More results

Descripción similar - CD4028BPW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
CD4028BC FAIRCHILD-CD4028BC Datasheet
53Kb / 6P
   BCD-to-Decimal Decoder
logo
Toshiba Semiconductor
TC4028BP TOSHIBA-TC4028BP Datasheet
223Kb / 5P
   BCD - TO -DECIMAL DECODER
logo
Hitachi Semiconductor
HD74LS42 HITACHI-HD74LS42 Datasheet
61Kb / 6P
   BCD-to-Decimal Decoder
logo
Fairchild Semiconductor
DM7442A FAIRCHILD-DM7442A Datasheet
41Kb / 4P
   BCD to Decimal Decoder
CD4028BC FAIRCHILD-CD4028BC_02 Datasheet
76Kb / 6P
   BCD-to-Decimal Decoder
logo
National Semiconductor ...
CD4028BM NSC-CD4028BM Datasheet
116Kb / 4P
   BCD-to-Decimal Decoder
MM54C42 NSC-MM54C42 Datasheet
107Kb / 4P
   BCD-to-Decimal Decoder
logo
Micro Electronics
MCC4028 MICRO-ELECTRONICS-MCC4028 Datasheet
136Kb / 4P
   BCD-TO-DECIMAL DECODER
logo
Nexperia B.V. All right...
HEF4028B NEXPERIA-HEF4028B Datasheet
209Kb / 10P
   BCD to decimal decoder
Rev. 10 - 7 December 2021
logo
System Logic Semiconduc...
SL4028B SLS-SL4028B Datasheet
44Kb / 5P
   BCD-to-Decimal Decoder
logo
Rohm
BU4028B ROHM-BU4028B Datasheet
64Kb / 6P
   BCD-to-decimal decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com